Electronic Components Datasheet Search
  English  ▼

X  

LM46001 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM46001
Description  LM46001 3.5-V to 60-V, 1-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46001 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM46001 Datasheet HTML 4Page - Texas Instruments LM46001 Datasheet HTML 5Page - Texas Instruments LM46001 Datasheet HTML 6Page - Texas Instruments LM46001 Datasheet HTML 7Page - Texas Instruments LM46001 Datasheet HTML 8Page - Texas Instruments LM46001 Datasheet HTML 9Page - Texas Instruments LM46001 Datasheet HTML 10Page - Texas Instruments LM46001 Datasheet HTML 11Page - Texas Instruments LM46001 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 24V
VIN = 28V
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C007
0
20
40
60
80
100
120
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C008
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
C005
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C004
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
VIN = 42V
C003
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
C002
8
LM46001
SNVSA46B – JUNE 2014 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: LM46001
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
6.8 Typical Characteristics
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 18 µH, COUT = 100 µF, CFF = 33 pF. See Application
Curves for bill of materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
Figure 1. Efficiency
VOUT = 5 V
FS = 500 kHz
Figure 2. Efficiency
VOUT = 5 V
FS = 200 kHz
Figure 3. Efficiency
VOUT = 5 V
FS = 1 MHz
Figure 4. Efficiency
VOUT = 12 V
FS = 500 kHz
Figure 5. Efficiency
VOUT = 24 V
FS = 500 kHz
Figure 6. Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com