Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 4 Page - Texas Instruments

  LM5146 Datasheet HTML 1Page - Texas Instruments LM5146 Datasheet HTML 2Page - Texas Instruments LM5146 Datasheet HTML 3Page - Texas Instruments LM5146 Datasheet HTML 4Page - Texas Instruments LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
6 Pin Configuration and Functions
RT
HO
SW
BST
LO
PGND
VCC
SS/TRK
COMP
FB
AGND
SYNCOUT
SYNCIN
NC
EP
NC
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
Exposed
Pad
(EP)
Connect Exposed Pad on bottom to AGND and PGND on the PCB.
Figure 6-1. 20-Pin VQFN With Wettable Flanks in RGY Package (Top View)
Table 6-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
EN/UVLO
I
Enable input and undervoltage lockout programming pin. If the EN/UVLO voltage is below 0.4 V, the controller
is in shutdown mode with all functions disabled. If the EN/UVLO voltage is greater than 0.4 V and less than
1.2 V, the regulator is in standby mode with the VCC regulator operational, the SS pin grounded, and no
switching at the HO and LO outputs. If the EN/UVLO voltage is above 1.2 V, the SS/TRK voltage can ramp
and pulse-width modulated gate-drive signals are delivered to the HO and LO pins. A 10-μA current source
is enabled when EN/UVLO exceeds 1.2 V and flows through the external UVLO resistor divider to provide
hysteresis. Hysteresis can be adjusted by varying the resistance of the external divider.
2
RT
I
Oscillator frequency adjust pin. The internal oscillator is programmed with a single resistor between RT and the
AGND. TI recommends a maximum oscillator frequency of 1 MHz. An RT pin resistor is required even when
using the SYNCIN pin to synchronize to an external clock.
3
SS/TRK
I
Soft start and voltage-tracking pin. An external capacitor and an internal 10-μA current source set the ramp
rate of the error amplifier reference during start-up. When the SS/TRK pin voltage is less than 0.8 V, the
SS/TRK voltage controls the noninverting input of the error amp. When the SS/TRK voltage exceeds 0.8 V, the
amplifier is controlled by the internal 0.8-V reference. SS/TRK is discharged to ground during standby and fault
conditions. After start-up, the SS/TRK voltage is clamped 115 mV above the FB pin voltage. If FB falls due to a
load fault, SS/TRK is discharged to a level 115 mV above FB to provide a controlled recovery when the fault is
removed. Voltage tracking can be implemented by connecting a low impedance reference between 0 V and 0.8
V to the SS/TRK pin. The 10-µA SS/TRK charging current flows into the reference and produces a voltage error
if the impedance is not low. Connect a minimum capacitance from SS/TRK to AGND of 2.2 nF.
4
COMP
O
Low impedance output of the internal error amplifier. Connect the loop compensation network between the
COMP pin and the FB pin.
5
FB
I
Feedback connection to the inverting input of the internal error amplifier. A resistor divider from the output to
this pin sets the output voltage level. The regulation threshold at the FB pin is nominally 0.8 V.
6
AGND
P
Analog ground. Return for the internal 0.8-V voltage reference and analog circuits.
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com