Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments LM5146 Datasheet HTML 11Page - Texas Instruments LM5146 Datasheet HTML 12Page - Texas Instruments LM5146 Datasheet HTML 13Page - Texas Instruments LM5146 Datasheet HTML 14Page - Texas Instruments LM5146 Datasheet HTML 15Page - Texas Instruments LM5146 Datasheet HTML 16Page - Texas Instruments LM5146 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
3
3.2
3.4
3.6
3.8
4
Rising
Falling
Figure 7-13. BST UVLO Thresholds vs Junction
Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
88
90
92
94
96
98
Rising
Falling
Figure 7-14. PGOOD UVP Thresholds vs Junction
Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
100
102
104
106
108
110
Rising
Falling
Figure 7-15. PGOOD OVP Thresholds vs Junction
Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
1.05
1.1
1.15
1.2
1.25
1.3
Figure 7-16. EN/UVLO Threshold vs Junction
Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0.25
0.3
0.35
0.4
0.45
0.5
Rising
Falling
Figure 7-17. EN Standby Thresholds vs Junction
Temperature
RT Resistance (k:)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
VSW = 0 V
Figure 7-18. Oscillator Frequency vs RT
Resistance
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com