Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments LM5146 Datasheet HTML 11Page - Texas Instruments LM5146 Datasheet HTML 12Page - Texas Instruments LM5146 Datasheet HTML 13Page - Texas Instruments LM5146 Datasheet HTML 14Page - Texas Instruments LM5146 Datasheet HTML 15Page - Texas Instruments LM5146 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Input Voltage (V)
0
20
40
60
80
100
1.4
1.6
1.8
2
2.2
40°C
25°C
150°C
VSW = 0 V
VEN/UVLO = VVIN
VSS/TRK = 0 V
Figure 7-7. IQ-OPERATING (Nonswitching) vs Input
Voltage
Input Voltage (V)
0
20
40
60
80
100
2.5
2.75
3
3.25
3.5
3.75
4
40°C
25°C
150°C
VSW = 0 V
HO, LO Open
Figure 7-8. IQ-OPERATING (Switching) vs Input
Voltage
Input Voltage (V)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 8V
VSW = 0 V
VVCC = VBST = VILIM
VFB = 0 V
Figure 7-9. VIN Quiescent Current with External
VCC Applied
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
RDS-ON Mode
RSENSE Mode
Figure 7-10. ILIM Current Source vs Junction
Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
HO to LO
LO to HO
VSW = 0 V
Figure 7-11. Deadtime vs Junction Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
4.2
4.4
4.6
4.8
5
5.2
Rising
Falling
Figure 7-12. VCC UVLO Thresholds vs Junction
Temperature
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com