Electronic Components Datasheet Search
  English  ▼

X  

LM5175 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5175
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5175 Datasheet HTML 17Page - Texas Instruments LM5175 Datasheet HTML 18Page - Texas Instruments LM5175 Datasheet HTML 19Page - Texas Instruments LM5175 Datasheet HTML 20Page - Texas Instruments LM5175 Datasheet HTML 21Page - Texas Instruments LM5175 Datasheet HTML 22Page - Texas Instruments LM5175 Datasheet HTML 23Page - Texas Instruments LM5175 Datasheet HTML 24Page - Texas Instruments LM5175 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
IN(MAX)
OUT
OUT
BUCK
OUT(MAX)
sw
IN(MAX)
(V
V
) V
L
11.1 H
0.4 I
F
V
u
P
u
u
u
OUT
FB2
FB1
V
0.8 V
R
R
280 k
0.8 V
u
:
FB1
R
20 k:
21
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, the following are used as the input parameters.
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
6 V to 36 V
Output
12 V
Load Current
6 A
Switching Frequency
300 kHz
Mode
CCM, Hiccup
9.2.2 Detailed Design Procedure
9.2.2.1 Custom Design with WEBENCH Tools
Click here to create a custom design using the LM5175 device with the WEBENCH® Power Designer.
1. Start by entering your VIN, VOUT and IOUT requirements.
2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and
compare this design with other possible solutions from Texas Instruments.
3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real
time pricing and component availability.
4. In most cases, you will also be able to:
–
Run electrical simulations to see important waveforms and circuit performance,
–
Run thermal simulations to understand the thermal performance of your board,
–
Export your customized schematic and layout into popular CAD formats,
–
Print PDF reports for the design, and share your design with colleagues.
5. Get more information about WEBENCH tools at www.ti.com/webench.
9.2.2.2 Frequency
The switching frequency of LM5175 is set by an RT resistor connected from RT/SYNC pin to AGND. The RT
resistor required to set the desired frequency is calculated using Equation 5 or Figure 3 . A 1% standard resistor
of 84.5 k
Ω is selected for Fsw = 300 kHz.
9.2.2.3 VOUT
The output voltage is set using a resistor divider to the FB pin. The internal reference voltage is 0.8 V. Normally
the bottom resistor in the resistor divider is selected to be in the 1 k
Ω to 100 kΩ range. Select
(11)
The top resistor in the feedback resistor divider is selected using Equation 12:
(12)
9.2.2.4 Inductor Selection
The inductor selection is based on consideration of both buck and boost modes of operation. For the buck mode,
inductor selection is based on limiting the peak to peak current ripple ΔIL to ~40% of the maximum inductor
current at the maximum input voltage. The target inductance for the buck mode is:
(13)
For the boost mode, the inductor selection is based on limiting the peak to peak current ripple ΔIL to ~40% of the
maximum inductor current at the minimum input voltage. The target inductance for the boost mode is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com