Electronic Components Datasheet Search
  English  ▼

X  

LM5175 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5175
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5175 Datasheet HTML 8Page - Texas Instruments LM5175 Datasheet HTML 9Page - Texas Instruments LM5175 Datasheet HTML 10Page - Texas Instruments LM5175 Datasheet HTML 11Page - Texas Instruments LM5175 Datasheet HTML 12Page - Texas Instruments LM5175 Datasheet HTML 13Page - Texas Instruments LM5175 Datasheet HTML 14Page - Texas Instruments LM5175 Datasheet HTML 15Page - Texas Instruments LM5175 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
VOUT (5V/div)
IL (5A/div)
Overload
Release
Hiccup
20ms/div
12
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise stated.
VIN=24 V
VOUT=12 V
Hiccup Enabled
Figure 19. Hiccup Mode Current Limit
8 Detailed Description
8.1 Overview
The LM5175 is a wide input voltage four-switch buck-boost controller IC with integrated drivers for N-channel
MOSFETs. It operates in the buck mode when VIN is greater than VOUT and in the boost mode when VIN is less
than VOUT. When VIN is close to VOUT, the device operates in a proprietary transition buck or boost mode. The
control scheme provides smooth operation for any input/output combination within the specified operating range.
The buck or boost transition control scheme provides a low ripple output voltage when VIN equals VOUT without
compromising the efficiency.
The LM5175 integrates four N-Channel MOSFET drivers including two low-side drivers and two high-side drivers,
eliminating the need for external drivers or floating bias supplies. The internal VCC regulator supplies internal
bias rails as well as the MOSFET gate drivers. The VCC regulator is powered either from the input voltage
through the VIN pin or from the output or an external supply through the BIAS pin for improved efficiency.
The PWM control scheme is based on valley current mode control for buck operation and peak current mode
control for boost operation. The inductor current is sensed through a single sense resistor in series with the low-
side MOSFETs. The sensed current is also monitored for cycle-by-cycle current limit. The behavior of the
LM5175 during an overload condition is dependent on the MODE pin programming (see MODE Pin
Configuration). If hiccup mode fault protection is selected, the controller turns off after a fixed number of
switching cycles in cycle-by-cycle current limit and restarts after another fixed number of clock cycles. The hiccup
mode reduces the heating in the power components in a sustained overload condition. If hiccup mode is disabled
through the MODE pin, the controller remains in a cycle-by-cycle current limit condition until the overload is
removed. The MODE pin also selects continuous conduction mode (CCM) for noise sensitive applications or
discontinuous conduction mode (DCM) for higher light load efficiency.
In addition to the cycle-by-cycle current limiting, the LM5175 also provides an optional average current regulation
loop that can be configured for either input or output current limiting. This is useful for battery charging or other
applications where a constant current behavior may be required.
The soft-start time of LM5175 is programmed by a capacitor connected to the SS pin to minimize the inrush
current and overshoot during startup.
The precision EN/UVLO pin supports programmable input undervoltage lockout (UVLO) with hysteresis. The
output overvoltage protection (OVP) feature turns off the high-side drivers when the voltage at the FB pin is 7.5%
above the nominal 0.8-V VREF. The PGOOD output indicates when the FB voltage is inside a ±10% regulation
window centered at VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com