Electronic Components Datasheet Search
  English  ▼

X  

LM5175 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5175
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5175 Datasheet HTML 35Page - Texas Instruments LM5175 Datasheet HTML 36Page - Texas Instruments LM5175 Datasheet HTML 37Page - Texas Instruments LM5175 Datasheet HTML 38Page - Texas Instruments LM5175 Datasheet HTML 39Page - Texas Instruments LM5175 Datasheet HTML 40Page - Texas Instruments LM5175 Datasheet HTML 41Page - Texas Instruments LM5175 Datasheet HTML 42Page - Texas Instruments LM5175 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
28X (0.6)
28X (0.24)
24X (0.5)
(3.8)
(4.8)
4X (1.13)
(0.865)
TYP
(0.665) TYP
(R0.05) TYP
4X (1.53)
VQFN - 1.0 mm max height
RHF0028A
PLASTIC QUAD FLATPACK - NO LEAD
4220383/A 11/2016
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
29
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 29
76% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
8
9
14
15
22
23
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com