Electronic Components Datasheet Search
  English  ▼

X  

LM5176 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5176
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5176 Datasheet HTML 35Page - Texas Instruments LM5176 Datasheet HTML 36Page - Texas Instruments LM5176 Datasheet HTML 37Page - Texas Instruments LM5176 Datasheet HTML 38Page - Texas Instruments LM5176 Datasheet HTML 39Page - Texas Instruments LM5176 Datasheet HTML 40Page - Texas Instruments LM5176 Datasheet HTML 41Page - Texas Instruments LM5176 Datasheet HTML 42Page - Texas Instruments LM5176 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
28X
0.30
0.18
2.55 0.1
28X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
24X 0.5
2X
3.5
2X 2.5
3.55 0.1
A
4.1
3.9
B
5.1
4.9
0.30
0.18
0.5
0.3
VQFN - 1.0 mm max height
RHF0028A
PLASTIC QUAD FLATPACK - NO LEAD
4220383/A 11/2016
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
15
22
9
14
28
23
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
29
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com