Electronic Components Datasheet Search
  English  ▼

X  

LM5176 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5176
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176 Datasheet(HTML) 4 Page - Texas Instruments

  LM5176 Datasheet HTML 1Page - Texas Instruments LM5176 Datasheet HTML 2Page - Texas Instruments LM5176 Datasheet HTML 3Page - Texas Instruments LM5176 Datasheet HTML 4Page - Texas Instruments LM5176 Datasheet HTML 5Page - Texas Instruments LM5176 Datasheet HTML 6Page - Texas Instruments LM5176 Datasheet HTML 7Page - Texas Instruments LM5176 Datasheet HTML 8Page - Texas Instruments LM5176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
HTSSOP
QFN
VOSNS
12
9
I
VOUT sense input. Connect to the power stage output rail.
ISNS(–)
ISNS(+)
13
14
10
11
I
Input or output current sense amplifier inputs. An optional current sense resistor connected
between ISNS(+) and ISNS(–) can be located either on the input side or on the output
side of the converter. If the sensed voltage across the ISNS(+) and ISNS(-) pins reaches
50 mV, a slow constant current (CC) control loop becomes active and starts discharging
the soft-start capacitor to regulate the drop across ISNS(+) and ISNS(–) to 50 mV. Short
ISNS(+) and ISNS(–) together to disable this feature.
CSG
15
12
I
The negative or ground input to the PWM current sense amplifier. Connect directly to the
low-side (ground) of the current sense resistor.
CS
16
13
I
The positive input to the PWM current sense amplifier
PGOOD
17
14
O
Power-Good open drain output. PGOOD is pulled low when FB is outside a -9%/+10%
regulation window around the 0.8-V VREF.
SW2
SW1
18
28
15
25
I
The boost and the buck side switching nodes, respectively.
HDRV2
HDRV1
19
27
16
24
O
Output of the high-side gate drivers. Connect directly to the gates of the high-side
MOSFETs.
BOOT2
BOOT1
20
26
17
23
P
An external capacitor is required between the BOOT1, BOOT2 pins and the SW1, SW2
pins respectively to provide bias to the high-side MOSFET gate drivers.
LDRV2
LDRV1
21
25
18
22
O
Output of the low-side gate drivers. Connect directly to the gates of the low-side
MOSFETs.
PGND
22
19
G
Power ground of the IC. The high current ground connection to the low-side gate drivers
VCC
23
20
I/O/P
Output of the VCC bias regulator. Connect capacitor to ground.
BIAS
24
21
I/P
Optional input to the VCC bias regulator. Powering VCC from an external supply instead
of VIN can reduce power loss at high VIN. For VBIAS > 8 V, the VCC regulator draws power
from the BIAS pin.
PowerPAD™
—
—
—
Solder the PowerPAD to the analog ground. If possible, use thermal vias to connect to a
PCB ground plane for improved power dissipation.
LM5176
SNVSAI1D – JUNE 2017 – REVISED AUGUST 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com