Electronic Components Datasheet Search
  English  ▼

X  

LM5176 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5176
Description  LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5176 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5176 Datasheet HTML 36Page - Texas Instruments LM5176 Datasheet HTML 37Page - Texas Instruments LM5176 Datasheet HTML 38Page - Texas Instruments LM5176 Datasheet HTML 39Page - Texas Instruments LM5176 Datasheet HTML 40Page - Texas Instruments LM5176 Datasheet HTML 41Page - Texas Instruments LM5176 Datasheet HTML 42Page - Texas Instruments LM5176 Datasheet HTML 43Page - Texas Instruments LM5176 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
28X (0.24)
28X (0.6)
(
0.2) TYP
VIA
24X (0.5)
(4.8)
(3.8)
(1.525)
(2.55)
(R0.05)
TYP
(1.025)
(3.55)
VQFN - 1.0 mm max height
RHF0028A
PLASTIC QUAD FLATPACK - NO LEAD
4220383/A 11/2016
SYMM
1
8
9
14
15
22
23
28
SYMM
LAND PATTERN EXAMPLE
SCALE:18X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
29
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com