Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5166DRCT
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 19Page - Texas Instruments LM5166DRCT Datasheet HTML 20Page - Texas Instruments LM5166DRCT Datasheet HTML 21Page - Texas Instruments LM5166DRCT Datasheet HTML 22Page - Texas Instruments LM5166DRCT Datasheet HTML 23Page - Texas Instruments LM5166DRCT Datasheet HTML 24Page - Texas Instruments LM5166DRCT Datasheet HTML 25Page - Texas Instruments LM5166DRCT Datasheet HTML 26Page - Texas Instruments LM5166DRCT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
150
160
170
180
190
200
D014
VFB (V)
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
1.2
D013
SS
SS
C
nF
8.1 t
ms
˜
ª
º
ª
º
¬
¼
¬
¼
23
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(18)
CSS is discharged by an internal 80-Ω FET when VOUT is shutdown by EN, UVLO, or thermal shutdown.
It is desirable in some applications for the output voltage to reach its nominal setpoint in the shortest possible
time. Connecting a 100-kΩ resistor from SS to GND disables the soft-start circuit of the LM5166, and the
LM5166 operates in current limit during start-up to rapidly charge the output capacitance.
Diode emulation mode (DEM) of the LM5166 prevents negative inductor current enabling monotonic start-up
under prebiased output conditions. With a prebiased output voltage, the LM5166 waits until the soft-start ramp
allows regulation above the prebiased voltage and then follows the soft-start ramp to the regulation setpoint as
shown in Figure 46 and Figure 47.
Time Scale: 2 ms/Div
CH1: VEN, 1 V/Div
CH2: VOUT, 1 V/Div
CH4: IOUT, 200 mA/Div
Figure 46. ENABLE On and Off; VOUT Prebiased to 1.8 V
Figure 52 Circuit, VIN = 24 V, No Load
Time Scale: 2 ms/Div
CH1: VEN, 5 V/Div
CH2: VOUT, 1 V/Div
CH4: IOUT, 200 mA/Div
Figure 47. ENABLE On and Off; VOUT Prebiased to 1.8 V
Figure 52 Circuit, VIN = 24 V, 500 mA Load
7.3.9 Short-Circuit Operation
The LM5166 features a clamping circuit that clamps the SS voltage about 175 mV above the FB voltage (see
Figure 48 and Figure 49). The circuit is enabled in COT mode and only works when an external soft-start
capacitor is connected.
Figure 48. Soft-Start (SS) Voltage vs Feedback (FB)
Voltage
Figure 49. Soft-Start to Feedback Clamp Offset vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com