Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5166DRCT
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT Datasheet(HTML) 3 Page - Texas Instruments

  LM5166DRCT Datasheet HTML 1Page - Texas Instruments LM5166DRCT Datasheet HTML 2Page - Texas Instruments LM5166DRCT Datasheet HTML 3Page - Texas Instruments LM5166DRCT Datasheet HTML 4Page - Texas Instruments LM5166DRCT Datasheet HTML 5Page - Texas Instruments LM5166DRCT Datasheet HTML 6Page - Texas Instruments LM5166DRCT Datasheet HTML 7Page - Texas Instruments LM5166DRCT Datasheet HTML 8Page - Texas Instruments LM5166DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
SS
ILIM
RT
PGOOD
SW
FB
GND
EN
VIN
HYS
1
2
3
4
5
10
9
8
7
6
SS
ILIM
RT
PGOOD
SW
VOUT
GND
EN
VIN
HYS
1
2
3
4
5
10
9
8
7
6
3
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
LM5166X and LM5166Y Fixed Output DRC Package
10-Pin VSON
Top View
LM5166 Adjustable Output DRC Package
10-Pin VSON
Top View
(1)
P = Power, G = Ground, I = Input, O = Output.
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
SW
P
Switching node that is internally connected to the drain of the PFET buck switch (high side) and the
drain of the NFET synchronous rectifier (low side). Connect to the buck inductor.
2
VIN
P
Regulator supply input pin to high-side power MOSFET and internal bias rail LDO. Connect to input
supply and input filter capacitor CIN. The path from the VIN pin to the input capacitor must be as short as
possible.
3
ILIM
I
Programming pin for current limit. Connecting the appropriate resistance from the ILIM pin to GND
selects one of the three current limit options. The available current limit options are detailed in Table 3.
4
SS
I
Programming pin for the soft-start delay. If a 100-kΩ resistor is connected from the SS pin to GND, the
internal soft-start circuit is disabled and the FB comparator reference steps immediately from zero to full
value when the regulator is enabled by the EN input. If the SS pin is left open, the internal soft-start
circuit ramps the FB reference from zero to full value in 900 µs. If a capacitor is connected from the SS
pin to GND, the soft-start time can be set longer than 900 µs.
5
RT
I
Mode select and on-time programming pin for Constant On-Time control. Connect a resistor from the RT
pin to GND to program the on-time and hence switching frequency. Short RT to GND to select PFM
(pulse frequency modulation) operation.
6
PGOOD
O
Power Good output flag pin. PGOOD is connected to the drain of an NFET that holds the pin low when
either FB or VOUT is not in regulation. Use a 10-kΩ to 100-kΩ pullup resistor to system voltage rail or
VOUT (no higher than 12 V).
7
EN
I
Input pin of the precision enable / UVLO comparator. The regulator is enabled when the EN pin voltage
is greater than 1.22 V.
8
VOUT or FB
I
Feedback input to the voltage regulation loop for the LM5166 Adjustable Output version, or a VOUT pin
connects the internal feedback resistor divider to the regulator output voltage for the fixed 3.3-V or 5-V
options. The FB pin connects the internal feedback comparator to an external resistor divider for the
adjustable voltage option, and the reference for the FB pin comparator is 1.223 V.
9
HYS
O
Drain of internal NFET that is turned off when the EN input is greater than the EN pin threshold. External
resistors from HYS to EN and GND program the input UVLO threshold and hysteresis.
10
GND
G
Regulator ground return.
—
PAD
P
Connect to GND pin and system ground on PCB. Path to CIN must be as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com