Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 32 Page - Texas Instruments

Part # LM5166DRCT
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 28Page - Texas Instruments LM5166DRCT Datasheet HTML 29Page - Texas Instruments LM5166DRCT Datasheet HTML 30Page - Texas Instruments LM5166DRCT Datasheet HTML 31Page - Texas Instruments LM5166DRCT Datasheet HTML 32Page - Texas Instruments LM5166DRCT Datasheet HTML 33Page - Texas Instruments LM5166DRCT Datasheet HTML 34Page - Texas Instruments LM5166DRCT Datasheet HTML 35Page - Texas Instruments LM5166DRCT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
SW
PGOOD
ILIM
VIN
EN
SS
GND
RT
FB
HYS
COUT
47 PF
LF
47 PH
RESR
0.2 :
RFB1
169 k:
RFB2
100 k:
VIN = 4.5 V...65 V
VOUT = 3.3V
RRT
100 k:
CIN
2.2 PF
IOUT = 0.5 A
CSS
47 nF
Copyright © 2016, Texas Instruments Incorporated
U1
LM5166
32
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.2 Design 2: Wide VIN, Low IQ COT Converter Rated at 3.3 V, 500 mA
Figure 63. Schematic for Design 2 With VIN(nom) = 12 V, VOUT = 3.3 V, IOUT(max) = 500 mA, FSW(nom) = 200 kHz
8.2.2.1 Design Requirements
The target efficiency is 85% for loads above 10 mA based on a nominal input voltage of 12 V and an output
voltage of 3.3 V. The required input voltage range is 4.5 V to 65 V. The LM5166 is chosen to deliver a 3.3-V
output voltage. The switching frequency is set at 200 kHz. The output voltage soft-start time is 4 ms. The
required components are listed in Table 5.
(1)
See Third-Party Products Disclaimer.
Table 5. List of Components for Design 2(1)
COUN
T
REF DES
DESCRIPTION
PART NUMBER
MFR
1
CIN
Capacitor, Ceramic, 2.2 μF, 100 V, X7R, 10%, 1210
GRM32ER72A225KA35L
Murata
1
COUT
Capacitor, Ceramic, 47 μF, 10 V, X7R, 10%, 1210
GRM32ER71A476KE15L
Murata
1
CSS
Capacitor, Ceramic, 47 nF, 16 V, X7R, 10%, 0402
Std
Std
1
LF
Inductor, 47 µH, 0.245 Ω max, 1.2 A Isat, 3.5 mm max
LPS6235-473MR
Coilcraft
Inductor, 47 µH, 0.315 Ω typ, 1.3 A Isat, 2.8 mm max
74404063470
Würth
1
RRT
Resistor, Chip, 100 kΩ, 1/16W, 1%, 0402
Std
Std
1
RFB1
Resistor, Chip, 169 kΩ, 1/16W, 1%, 0402
Std
Std
1
RESR
Resistor, Chip, 0.2 Ω, 1/16W, 1%, 0402
Std
Std
1
RFB2
Resistor, Chip, 100 kΩ, 1/16W, 1%, 0402
Std
Std
1
U1
LM5166, Synchronous Buck Converter, VSON-10, ADJ
LM5166DRCR
TI
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Feedback Resistors – RFB1, RFB2
The output voltage of the LM5166 is externally adjustable using a resistor divider network. The divider network
comprises the upper feedback resistor RFB1 and lower feedback resistor RFB2. Select RFB1 of 169 kΩ to minimize
quiescent current and improve light-load efficiency in this application. With the desired output voltage setpoint of
3.3 V and VFB = 1.223 V, calculate the resistance of RFB2 using Equation 15 as 100.1 kΩ. Choose the closest
available standard value of 100 kΩ for RFB2. See Adjustable Output Voltage (FB) for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com