Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM7301
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 1 Page - Texas Instruments

  LM7301 Datasheet HTML 1Page - Texas Instruments LM7301 Datasheet HTML 2Page - Texas Instruments LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in
SOT-23 Package
1
1 Features
1
•
At VS = 5 V (Typical Unless Otherwise Noted)
•
Tiny, Space-Saving, 5-Pin SOT-23 Package
•
Greater than Rail-to-Rail Input CMVR:
−0.25 V to
5.2 V
•
Rail-to-Rail Output Swing: 007 V to 4.93 V
•
Wide Gain-Bandwidth: 4 MHz
•
Low Supply Current: 0.6 mA
•
Wide Supply Range: 1.8 V to 32 V
•
High PSRR: 104 dB
•
High CMRR: 93 dB
•
Excellent Gain: 97 dB
2 Applications
•
Portable Instrumentation
•
Signal Conditioning Amplifiers/ADC Buffers
•
Active Filters
•
Modems
•
PCMCIA Cards
3 Description
The LM7301 provides high performance in a wide
range of applications. The LM7301 offers greater than
rail-to-rail input range, full rail-to-rail output swing,
large capacitive load driving ability, and low distortion.
With only 0.6-mA supply current, the 4-MHz gain-
bandwidth of this device supports new portable
applications
where
higher
power
devices
unacceptably drain battery life.
The LM7301 can be driven by voltages that exceed
both power supply rails, thus eliminating concerns
over exceeding the common-mode voltage range.
The rail-to-rail output swing capability provides the
maximum possible dynamic range at the output. This
is particularly important when operating on low supply
voltages.
Operating on supplies of 1.8 V to 32 V, the LM7301 is
excellent for a very wide range of applications in low
power systems.
Placing the amplifier right at the signal source
reduces board size and simplifies signal routing. The
LM7301 fits easily on low profile PCMCIA cards.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM7301
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Gain and Phase
Gain and Phase, 2.7-V Supply


Similar Part No. - LM7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI-LM7301 Datasheet
1Mb / 22P
At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
LM7301 TI-LM7301 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
Texas Instruments
LM7301 TI1-LM7301 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
More results

Similar Description - LM7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
National Semiconductor ...
LM7341 NSC-LM7341 Datasheet
587Kb / 20P
짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
Texas Instruments
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com