Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM7301
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 9Page - Texas Instruments LM7301 Datasheet HTML 10Page - Texas Instruments LM7301 Datasheet HTML 11Page - Texas Instruments LM7301 Datasheet HTML 12Page - Texas Instruments LM7301 Datasheet HTML 13Page - Texas Instruments LM7301 Datasheet HTML 14Page - Texas Instruments LM7301 Datasheet HTML 15Page - Texas Instruments LM7301 Datasheet HTML 16Page - Texas Instruments LM7301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
+
±
-2.5 V
+2.5 V
Copyright © 2016, Texas Instruments Incorporated
13
LM7301
www.ti.com
SNOS879I – AUGUST 1999 – REVISED MAY 2016
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 22. AV = 1 V/V, Large Signal Behavior (1 V/div,
2 us/div)
Figure 23. AV = 1 V/V, Small Signal Behavior (0.2 V/div,
200 µs/div)
Figure 24. AV = 1-V/V Schematic
7.2.3 Wide Supply Range
The high power-supply rejection ratio (PSRR) and common-mode rejection ratio (CMRR) provide precision
performance when operated on battery or other unregulated supplies. This advantage is further enhanced by the
very wide supply range (2.2 V to 30 V, ensured) offered by the LM7301. In situations where highly variable or
unregulated supplies are present, the excellent PSRR and wide supply range of the LM7301 benefit the system
designer with continued precision performance, even in such adverse supply conditions.
7.2.4 Specific Advantages of 5-Pin SOT-23 (TinyPak)
The obvious advantage of the 5-pin SOT-23, TinyPak, is that it can save board space, a critical aspect of any
portable or miniaturized system design. The need to decrease overall system size is inherent in any handheld,
portable, or lightweight system application.
Furthermore, the low profile can help in height limited designs, such as consumer hand-held remote controls,
sub-notebook computers, and PCMCIA cards.
An additional advantage of the tiny package is that it allows better system performance due to ease of package
placement. Because the tiny package is so small, it can fit on the board right where the operational amplifier
must be placed for optimal performance, unconstrained by the usual space limitations. This optimal placement of
the tiny package allows for many system enhancements that are not easily achieved with the constraints of a
larger package. For example, problems such as system noise due to undesired pickup of digital signals can be
easily reduced or mitigated. This pickup problem is often caused by long wires in the board layout going to or
from an operational amplifier. By placing the tiny package closer to the signal source and allowing the LM7301
output to drive the long wire, the signal becomes less sensitive to such pickup. An overall reduction of system
noise results.
Often times system designers try to save space by using dual or quad op amps in their board layouts. This
causes a complicated board layout due to the requirement of routing several signals to and from the same place
on the board. Using the tiny operational amplifier eliminates this problem.
Additional space savings parts are available in tiny packages from Texas Instruments, including low-power
amplifiers, precision-voltage references, and voltage regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com