Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM7301
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments LM7301 Datasheet HTML 10Page - Texas Instruments LM7301 Datasheet HTML 11Page - Texas Instruments LM7301 Datasheet HTML 12Page - Texas Instruments LM7301 Datasheet HTML 13Page - Texas Instruments LM7301 Datasheet HTML 14Page - Texas Instruments LM7301 Datasheet HTML 15Page - Texas Instruments LM7301 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
+
±
-2.5 V
+2.5 V
Copyright © 2016, Texas Instruments Incorporated
10
NŸ
10
NŸ
12
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
Low supply current, wide bandwidth, input common mode voltage range that includes both rails, rail-to-rail
output, good capacitive load driving ability, wide supply voltage (1.8 V to 32 V), and low distortion all make the
LM7301 ideal for many diverse applications.
The high common-mode rejection ratio and full rail-to-rail input range provides precision performance when
operated in noninverting applications where the common-mode error is added directly to the other system errors.
7.2 Feature Description
7.2.1 Capacitive Load Driving
The LM7301 has the ability to drive large capacitive loads. For example, 1000 pF only reduces the phase margin
to about 25°.
7.2.2 Transient Response
The LM7301 offers a very clean, well-behaved transient response. Figure 19, Figure 20, Figure 22, and
Figure 23 show the response when operated at gains of +1 and
−1 when handling both small and large signals.
The large phase margin, typically 70° to 80°, assures clean and symmetrical response. In the large signal scope
photos, Figure 19 and Figure 22, the input signal is set to 4.8 V. The output goes to within 100 mV of the
supplies cleanly and without overshoot. In the small signal samples, the response is clean, with only slight
overshoot when used as a follower. Figure 21 and Figure 24 are the circuits used to make these photos.
Figure 19. AV = –1 V/V, Large Signal Behavior (1 V/div,
2 µs/div)
Figure 20. AV = –1 V/V, Small Signal Behavior (0.2 V/div,
100 µs/div)
Figure 21. AV = –1 V/V Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com