Electronic Components Datasheet Search
  English  ▼

X  

STA1080 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA1080
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1080 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA1080 Datasheet HTML 52Page - STMicroelectronics STA1080 Datasheet HTML 53Page - STMicroelectronics STA1080 Datasheet HTML 54Page - STMicroelectronics STA1080 Datasheet HTML 55Page - STMicroelectronics STA1080 Datasheet HTML 56Page - STMicroelectronics STA1080 Datasheet HTML 57Page - STMicroelectronics STA1080 Datasheet HTML 58Page - STMicroelectronics STA1080 Datasheet HTML 59Page - STMicroelectronics STA1080 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
56/127
DS13319 Rev 2
This is a full static design. All frequencies can vary from the minimum of 0 MHz up to the
maximum value reported in the table.
Table 20. Frequency Limits
Symbol
Parameter
Test condition
Limit values
Unit
Min
Typ
Max
FCLK-R(1)
P
Operating frequency Cortex-R4 CP.
ECO Version (-E)
VDD= 1.14 V
TC = 85 °C
--
450
MHz
FCLK-R (1)
P
Operating frequency Cortex-R4 CPU.
High Version (-H)
--
533
MHz
FCLK-R (1)
P
Operating frequency Cortex-R4 CPU.
Premium Version (-P)
--
600
MHz
FCLK-M (1)
P
Operating Cortex - M3CPU frequency
-
-
208
MHz
FHCLK(1)
P
Operating frequency for Bus Matrix
and APB bridges
--
208
MHz
F52M_CLK(1)
P
Master clock for I2C0/1, UART0/1,
MSP0/1/2, EFT0/1
--
52
MHz
FCANSS_CLK(1)
P
Master clock for CAN1, local eSRAM
Cortex-M3
--
104
MHz
FVIP_PIXCLK(1)
P
Operating frequency for VIP pixel clock
-
-
60
MHz
FSSP_CLK(1)
P
SSP0/1/2 controller master clock
-
-
104
MHz
FSSI_SCK(1)
P
Operating frequency for SPI
(SSP0/1/2) serial clock in master mode
--
52
MHz
FSAI_BCLK(1)
P
Operating frequency for SAI bitclock
-
-
25
MHz
FI2S_BCLK(1)
P
Operating frequency for I2S bitclock
-
-
25
MHz
FSQI_CLK(1)
P
SQI controller master clock
-
-
250
MHz
FSQI_SCK(1)
P
Operating frequency for SQI serial bit
clock
--
125
MHz
FSDRAM_CLK(1)
P
Operating frequency for SDRAM
-
-
166
MHz
FCLCD_CLK(1)
P
Master clock for LCD controller
-
-
156
MHz
FCLCD_PIXCLK(1)
P
Operating frequency for LCD
controller pixel clock
--
78
MHz
FSDMMC_CLK(1)
P
Operating frequency for SDMMC0/1
data clock
--
52
MHz
FJTAG_TCK(1)
P
Operating frequency for JTAG
-
-
30
MHz
1. Values programmable through configurable PLL. Refer to SRC chapter for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com