Electronic Components Datasheet Search
  English  ▼

X  

STA1080 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STA1080
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1080 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA1080 Datasheet HTML 58Page - STMicroelectronics STA1080 Datasheet HTML 59Page - STMicroelectronics STA1080 Datasheet HTML 60Page - STMicroelectronics STA1080 Datasheet HTML 61Page - STMicroelectronics STA1080 Datasheet HTML 62Page - STMicroelectronics STA1080 Datasheet HTML 63Page - STMicroelectronics STA1080 Datasheet HTML 64Page - STMicroelectronics STA1080 Datasheet HTML 65Page - STMicroelectronics STA1080 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
62/127
DS13319 Rev 2
The 24 to 26 MHz oscillator is connected between MXTALI (oscillator amplifier input) and
MXTALO (oscillator amplifier output). It also requires two external load capacitors of CL pF,
as shown in Figure 5.
The specifications of a typical external crystal are shown in Table 27:
Figure 5. 24-26 MHz Crystal Connection
To drive the 24/26 MHz crystal pins from an external clock source:
–
Force Through Mode. Bias MXTALO at 1.25 V. Apply external single ended
square clock at MXTALI. Input clock should be of CMOS level (Low = GND,
High = 2.5 V). Clock is available after OSC startup time.
Table 27. Typical Crystal Recommended Specifications
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
FMXTAL
SR Crystal Frequency
-
24
-
MHz
LMMXTAL, 24MHz XTAL
-
4.0
-
mH
CMMXTAL, 24MHz XTAL
-
10.1
-
fF
RMMXTAL
Motional Resistance
-
20
-
COMXTAL
Shunt Capacitance
-
-
4.0
pF
CLMXTAL
Load Capacitance(1)
--
30
pF
1. Total capacitance, including package and board parasitics.
CL
CL
24-26 MHz
Crystal
MXTALI
MXTALO
Device
LMMXTAL RMMXTAL CMMXTAL
COMXTAL
Crystal Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com