Electronic Components Datasheet Search
  English  ▼

X  

STA1080 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA1080
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1080 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA1080 Datasheet HTML 53Page - STMicroelectronics STA1080 Datasheet HTML 54Page - STMicroelectronics STA1080 Datasheet HTML 55Page - STMicroelectronics STA1080 Datasheet HTML 56Page - STMicroelectronics STA1080 Datasheet HTML 57Page - STMicroelectronics STA1080 Datasheet HTML 58Page - STMicroelectronics STA1080 Datasheet HTML 59Page - STMicroelectronics STA1080 Datasheet HTML 60Page - STMicroelectronics STA1080 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
DS13319 Rev 2
57/127
STA108x, STA109x
Electrical Characteristics
126
Table 21. Current Consumption
Symbol
Parameter
Test condition
Limit values
Notes Unit
Min
Typ
Max
IDD-A2
V
VDD (STA1095/1090)
Normal Mode
-
300
450
(1)
mA
IDD-A2
V
VDD (STA1085/1080)
Normal Mode
-
200
390
(2)
mA
IDD_STBY1
V
VDD
Soft STAND_BY1
7
-
-
(3)
mA
IDD_STBY2
V
VDD
Soft STAND_BY2
17
-
-
(4)
mA
IDDIO-A2
V
VDD_IO (STA1095/1090) Normal Mode
-
100
170
(1)(5)
mA
IDDIO-A2
V
VDD_IO (STA1085/1080) Normal Mode
-
90
120
(2)(5)
mA
IDDIO_STBY1
V
VDD_IO
Soft STAND_BY1
3
-
-
(3)
mA
IDDIO_STBY2
V
VDD_IO
Soft STAND_BY2
5
-
-
(4)
mA
IDDIO_ON
VVDD_IO_ON
Normal Mode
-
100
200
(6)
A
IDDIO_ON_STANDBY
PVDD_IO_ON
Deep STAND_BY
-
30
50
(6)
A
IDD_ADC0_1
VVADC0_1_AVDD
Normal Mode
-
19
-
(7)
mA
IDD_ADC2
VVADC2_AVDD
Normal Mode
-
0.6
1
-
mA
IDD_DAC
VVDAC_AVDD
Normal Mode
-
12
-
(8)
mA
IDD_USB_VREG3V3_1V1
VVUSB_VREG_3V3_1V1
Normal Mode
-
-
17
(9)
mA
IDD_USB_VREG3V3_1V8
VVDD_USB_VREG3V3_1V8
Normal Mode
--
23
(10)
mA
IDD_USB0_VDD3V3
VVDD_USB0_VDD3V3
Normal Mode
mA
IDD_USB1_VDD3V3
VVDD_USB1_VDD3V3
Normal Mode
mA
1. MP3 playback from USB + Graphic Application. Cortex-R4 running @ 450.67 MHz, Cortex-M3 running @ 208 MHz, 32-bit
SDRAM @ 169 MHz, all DSP enabled, all DAC enabled, 18-bit LCD interface.
2. MP3 playback from USB. Cortex-R4 running @ 450 MHz, Cortex-M3 running @ 208 MHz, 16-bit SDRAM @ 169 MHz, all
DSP enabled, all DAC enabled.
3. Cortex-R4 in WFI, Cortex-M3 in WFI, device running off internal ring oscillator (4 MHz), all clocks disabled, all GPIOs in
input mode.
4. Cortex-R4 in WFI, Cortex-M3 in WFI, device running off crystal oscillator (24 MHz), all clocks disabled, all GPIOs in input
mode.
5. This figure includes both digital VDDIO and analog consumption (USB, DAC, ADC, PLL).
6. RTC enabled.
7. ADC0 (Aux) 12.5 mA, ADC1 (Microphone) 6.5 mA.
8. All DACs active.
9. Both USB ports active.
10. Both USB ports active. Supplies are shorted internally to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com