Electronic Components Datasheet Search
  English  ▼

X  

TDA7376PDTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7376PDTR
Description  2 x 35 W power amplifier for car radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PDTR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7376PDTR Datasheet HTML 1Page - STMicroelectronics TDA7376PDTR Datasheet HTML 2Page - STMicroelectronics TDA7376PDTR Datasheet HTML 3Page - STMicroelectronics TDA7376PDTR Datasheet HTML 4Page - STMicroelectronics TDA7376PDTR Datasheet HTML 5Page - STMicroelectronics TDA7376PDTR Datasheet HTML 6Page - STMicroelectronics TDA7376PDTR Datasheet HTML 7Page - STMicroelectronics TDA7376PDTR Datasheet HTML 8Page - STMicroelectronics TDA7376PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TDA7376PD
Block and pins connection diagrams
Doc ID 10260 Rev 4
5/14
1
Block and pins connection diagrams
Figure 1.
Block diagram
Figure 2.
Pins connection diagram (top view)
TAB
SGND
ST-BY
MUTE
NC
NC
OUT1+
NC
PWGND
PWGND
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
NC
D02AU1348
IN1-
VCC
IN1+
9
8
7
28
29
30
VCC
10
27
OUT1-
OUT1+
OUT1-
14
12
11
23
25
26
TAB
NC
13
24
NC
PWGND
PWGND
IN2+
NC
IN2-
NC
CD-OUT
THDSET
OUT2-
VCC
VCC
OUT2-
NC
NC
OUT2+
OUT2+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com