Electronic Components Datasheet Search
  English  ▼

X  

TDA7376PDTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7376PDTR
Description  2 x 35 W power amplifier for car radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PDTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7376PDTR Datasheet HTML 5Page - STMicroelectronics TDA7376PDTR Datasheet HTML 6Page - STMicroelectronics TDA7376PDTR Datasheet HTML 7Page - STMicroelectronics TDA7376PDTR Datasheet HTML 8Page - STMicroelectronics TDA7376PDTR Datasheet HTML 9Page - STMicroelectronics TDA7376PDTR Datasheet HTML 10Page - STMicroelectronics TDA7376PDTR Datasheet HTML 11Page - STMicroelectronics TDA7376PDTR Datasheet HTML 12Page - STMicroelectronics TDA7376PDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TDA7376PD
Electrical specifications
Doc ID 10260 Rev 4
9/14
Figure 9.
THD vs. output power (RL = 4 )
Figure 10.
THD vs. output power (RL = 24 )
Figure 11.
Dissipated power and efficiency vs.
output power
Figure 12.
SVR vs. frequency
Figure 13.
CMRR vs. frequency
Figure 14.
Crosstalk vs. frequency
0.1
1
10
Po(W)
0.01
0.1
1
10
THD(%)
Vs = 14.4 V
RL=4
Ω
f=10 KHz
f =1 KHz
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
Vs= 14.4 V
R L = 2
Ω
f = 10 KHz
f= 1 KHz
VS = 14.4V
RL = 4
Ω
f = 1KHz
f (Hz)
VS = 14.4V
RL = 4
Ω
Vr = 1Vrms
Ri = 0
Ri = 600
Ω
Ω
VS = 14.4V
RL = 4
Ω
Vi = 1Vrms
f (Hz)
VS = 14.4V
RL = 4
Ω
PO = 1W
RL = 0
f (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com