Electronic Components Datasheet Search
  English  ▼

X  

TDA7376PDTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7376PDTR
Description  2 x 35 W power amplifier for car radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PDTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7376PDTR Datasheet HTML 2Page - STMicroelectronics TDA7376PDTR Datasheet HTML 3Page - STMicroelectronics TDA7376PDTR Datasheet HTML 4Page - STMicroelectronics TDA7376PDTR Datasheet HTML 5Page - STMicroelectronics TDA7376PDTR Datasheet HTML 6Page - STMicroelectronics TDA7376PDTR Datasheet HTML 7Page - STMicroelectronics TDA7376PDTR Datasheet HTML 8Page - STMicroelectronics TDA7376PDTR Datasheet HTML 9Page - STMicroelectronics TDA7376PDTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical specifications
TDA7376PD
6/14
Doc ID 10260 Rev 4
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test circuits Figure 15 and 16, VS = 14.4 V; RL = 4 ; f = 1 kHz; Tamb = 25 °C,
unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VOP
Operating supply voltage
18
V
Vs
DC supply voltage
28
V
Vpeak
Peak supply voltage (t = 50 ms)
50
V
IO
Output peak current (not repetitive t = 100
s)
8
A
Output peak current (repetitive f > 10 Hz)
6
A
Ptot
Power dissipation Tcase = 85°C
36
W
Tstg, Tj
Storage and junction temperature
-40 to 150
C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max
2
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Id
Total quiescent drain current
RL = 
--
200
mA
VOS
Output offset voltage
-
-
-
120
mV
PO
Output power
THD = 10 %;
THD = 10 %; RL = 2 
23
33
25
37
-W
PO max
Max. output power (1)
-36
40
-
W
PO EIAJ
EIAJ output power (1)
VS = 13.7 V
32
35
-
W
THD
Distortion
PO = 0.5 to 10 W
PO = 0.5 to 15 W
-
0.03
0.08
-%
CT
Cross talk
f = 1 kHz; Rg
f = 10 kHz; Rg
-
80
70
-dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com