Electronic Components Datasheet Search
  English  ▼

X  

LMV7271 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV7271
Description  LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV7271 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV7271 Datasheet HTML 4Page - Texas Instruments LMV7271 Datasheet HTML 5Page - Texas Instruments LMV7271 Datasheet HTML 6Page - Texas Instruments LMV7271 Datasheet HTML 7Page - Texas Instruments LMV7271 Datasheet HTML 8Page - Texas Instruments LMV7271 Datasheet HTML 9Page - Texas Instruments LMV7271 Datasheet HTML 10Page - Texas Instruments LMV7271 Datasheet HTML 11Page - Texas Instruments LMV7271 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
1.5
2
2.5
3
3.5
4
4.5
VSUPPLY (V)
0
5
10
15
20
25
5
VOUT = HIGH
85°C
25°C
-40°C
1.8
2.44
3.08
3.72
4.36
5.0
5
6
7
8
9
10
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
85°C
-2.5 -2
-1
0
1
2
2.5
-800
-400
0
400
800
VCM (V)
VSUPPLY = ±2.5V
85°C
-40°C
25°C
1.8
2.44
3.08
3.72
4.36
5.0
0
10
20
30
40
SUPPLY VOLTAGE (V)
SOURCE
SINK
-0.9 -0.7 -0.5 -0.3 -0.1 0.1 0.3 0.5 0.7 0.9
-800
-400
0
400
800
VCM (V)
VSUPPLY = ±0.9V
25°C
85°C
-40°C
-1.35
-0.9
-0.45
0
0.45
0.9
1.35
-800
-400
0
400
800
VCM (V)
VSUPPLY = ±1.35V
85°C
-40°C
25°C
LMV7271, LMV7272, LMV7275
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
6.11 Typical Characteristics
TA = 25°C, Unless otherwise specified.
Figure 1. VOS vs. VCM
Figure 2. VOS vs. VCM
Figure 3. VOS vs. VCM
Figure 4. Short Circuit vs. Supply Voltage
Figure 5. Supply Current vs. Supply Voltage (LMV7271)
Figure 6. Supply Current vs. Supply Voltage (LMV7272)
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LMV7271 LMV7272 LMV7275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com