Electronic Components Datasheet Search
  English  ▼

X  

LMV7271 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV7271
Description  LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV7271 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV7271 Datasheet HTML 7Page - Texas Instruments LMV7271 Datasheet HTML 8Page - Texas Instruments LMV7271 Datasheet HTML 9Page - Texas Instruments LMV7271 Datasheet HTML 10Page - Texas Instruments LMV7271 Datasheet HTML 11Page - Texas Instruments LMV7271 Datasheet HTML 12Page - Texas Instruments LMV7271 Datasheet HTML 13Page - Texas Instruments LMV7271 Datasheet HTML 14Page - Texas Instruments LMV7271 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
1
10
100
1000
OVERDRIVE (mV)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VS = 5V
VS = 2.7V
VS = 1.8V
0
10
100
1000
OVERDRIVE (mV)
0
1
2
3
4
5
6
7
8
VS = 1.8V
VS = 2.7V
VS = 5V
0
500
1000
1500
2000
2500 3000
-100
0
100
0
1
2
3
4
5
TIME (ns)
50mV
20mV
VCC = 5.0 V
TEMP = 25°C
LOAD = 5k: 50pF
OVERDRIVE
|
|
0
500
1000
1500
2000
2500 3000
-100
0
100
0
1
2
3
4
5
TIME (ns)
50mV
20mV
VCC = 2.7 V
TEMP = 25°C
LOAD = 5k: 50pF
OVERDRIVE
|
|
0
500
1000
1500
2000
2500 3000
-100
0
100
0
1
2
3
4
5
TIME (ns)
50mV
20mV
VCC = 5.0V
TEMP = 25°C
LOAD = 5k: 50pF
OVERDRIVE
|
|
LMV7271, LMV7272, LMV7275
www.ti.com
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
TA = 25°C, Unless otherwise specified.
Figure 19. Propagation Delay (tPHL)
Figure 20. Propagation Delay (tPLH)
Figure 21. Propagation Delay (tPHL)
Figure 22. tPHL vs. Overdrive
Figure 23. tPLH vs. Overdrive
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV7271 LMV7272 LMV7275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com