Electronic Components Datasheet Search
  English  ▼

X  

LMV7271 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV7271
Description  LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV7271 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV7271 Datasheet HTML 8Page - Texas Instruments LMV7271 Datasheet HTML 9Page - Texas Instruments LMV7271 Datasheet HTML 10Page - Texas Instruments LMV7271 Datasheet HTML 11Page - Texas Instruments LMV7271 Datasheet HTML 12Page - Texas Instruments LMV7271 Datasheet HTML 13Page - Texas Instruments LMV7271 Datasheet HTML 14Page - Texas Instruments LMV7271 Datasheet HTML 15Page - Texas Instruments LMV7271 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
V
+
VREF
VIN
VO
-
+
V
-
VOLTS
VREF
VO
TIME
VIN
LMV7271, LMV7272, LMV7275
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
A comparator is often used to convert an analog signal to a digital signal. As shown in Figure 24, the comparator
compares an input voltage (VIN) to a reference voltage (VREF). If VIN is less than VREF, the output (VO) is low.
However, if VIN is greater than VREF, the output voltage (VO) is high.
Figure 24. LMV7271 Basic Comparator
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Rail-to-Rail Input Stage
The LMV727X has an input common mode voltage range (VCM) of −0.1V below the V
− to 0.1 V above V+. This is
achieved by using paralleled PNP and NPN differential input pairs. When the VCM is near V
+, the NPN pair is on
and the PNP pair is off. When the VCM is near V
−, the NPN pair is off and the PNP pair is on. The crossover point
between the NPN and PNP input stages is around 950mV from V+. Because each input stage has its own offset
voltage (VOS), the VOS of the comparator becomes a function of the VCM. See curves for VOS vs. VCM in the
Typical Characteristics section. In application design, it is recommended to keep the VCM away from the
crossover point to avoid problems. The wide input voltage range makes LMV727X ideal in power supply
monitoring circuits, where the comparators are used to sense signals close to ground and power supplies.
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LMV7271 LMV7272 LMV7275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com