Electronic Components Datasheet Search
  English  ▼

X  

M74HC132 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC132
Description  Quad 2-input Schmitt NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC132 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC132 Datasheet HTML 2Page - STMicroelectronics M74HC132 Datasheet HTML 3Page - STMicroelectronics M74HC132 Datasheet HTML 4Page - STMicroelectronics M74HC132 Datasheet HTML 5Page - STMicroelectronics M74HC132 Datasheet HTML 6Page - STMicroelectronics M74HC132 Datasheet HTML 7Page - STMicroelectronics M74HC132 Datasheet HTML 8Page - STMicroelectronics M74HC132 Datasheet HTML 9Page - STMicroelectronics M74HC132 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
M74HC132
6/13
DocID1896 Rev 3
Table 6. DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ. Max. Min. Max.
Min.
Max.
VP
High level
threshold voltage
2.0
1.0
1.25
1.5
1.0
1.5
1.0
1.5
V
4.5
2.3
2.7
3.15
2.3
3.15
2.3
3.15
6.0
3.0
3.5
4.2
3.0
4.2
3.0
4.2
VN
Low level threshold
voltage
2.0
0.3
0.65
0.9
0.3
0.9
0.3
0.9
V
4.5
1.13
1.6
2.0
1.13
2.0
1.13
2.0
6.0
1.5
2.3
2.6
1.5
2.6
1.5
2.6
VH
Hysteresis voltage
2.0
0.3
0.6
1.0
0.3
1.0
0.3
1.0
V
4.5
0.6
1.1
1.4
0.6
1.4
0.6
1.4
6.0
0.8
1.2
1.4
0.8
1.7
0.8
1.7
VOH
High level output
voltage
2.0
IO = -20 μA1.9
2.0
1.9
1.9
V
4.5
IO = -20 μA4.4
4.5
4.4
4.4
6.0
IO = -20 μA5.9
6.0
5.9
5.9
4.5
IO = -4.0 mA
4.18
4.31
4.13
4.10
6.0
IO = -5.2 mA
5.68
5.8
5.63
5.60
VOL
Low level output
voltage
2.0
IO = -20 μA
0.1
0.1
0.1
V
4.5
IO = -20 μA
0.1
0.1
0.1
6.0
IO = -20 μA
0.1
0.1
0.1
4.5
IO = -4.0 mA
0.17
0.26
0.33
0.40
6.0
IO = -5.2 mA
0.18
0.26
0.33
0.40
II
Input leakage
current
6.0
VI = VCC or GND
± 0.1
± 1
± 1
μA
ICC
Quiescent supply
current
6.0
VI = VCC or GND
1
10
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com