Electronic Components Datasheet Search
  English  ▼

X  

M74HC132 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC132
Description  Quad 2-input Schmitt NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC132 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC132 Datasheet HTML 3Page - STMicroelectronics M74HC132 Datasheet HTML 4Page - STMicroelectronics M74HC132 Datasheet HTML 5Page - STMicroelectronics M74HC132 Datasheet HTML 6Page - STMicroelectronics M74HC132 Datasheet HTML 7Page - STMicroelectronics M74HC132 Datasheet HTML 8Page - STMicroelectronics M74HC132 Datasheet HTML 9Page - STMicroelectronics M74HC132 Datasheet HTML 10Page - STMicroelectronics M74HC132 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID1896 Rev 3
7/13
M74HC132
Electrical characteristics
13
Figure 3. Test circuit
1. Legend:
CL = 50 pF or equivalent (includes jig and probe capacitance).
RT = ZOUT of pulse generator (typically 50 Ω).
Table 7. AC electrical characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH, tTHL
Output transition
time
2.0
-
30
75
-
95
-
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH, tPHL
Propagation delay
time
2.0
52
105
130
160
ns
4.5
13
21
26
32
6.0
11
18
22
27
Table 8. Capacitive characteristics
Sym
Parameter
Test condition
Value
Unit
VCC (V)
TA = 25°C
-40 to 85 °C
-55 to 125 °C
Min
Typ
Max
Min
Max
Min
Max
CIN
Input capacitance
5.0
-
510
-
10
-
10
pF
CPD
Power dissipation
capacitance(1)
29
1. CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load (refer to test circuit). Average operating current can be obtained by the following equation:
ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate).
GAMS0301141630CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com