Electronic Components Datasheet Search
  English  ▼

X  

M74HC132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC132
Description  Quad 2-input Schmitt NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC132 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC132 Datasheet HTML 1Page - STMicroelectronics M74HC132 Datasheet HTML 2Page - STMicroelectronics M74HC132 Datasheet HTML 3Page - STMicroelectronics M74HC132 Datasheet HTML 4Page - STMicroelectronics M74HC132 Datasheet HTML 5Page - STMicroelectronics M74HC132 Datasheet HTML 6Page - STMicroelectronics M74HC132 Datasheet HTML 7Page - STMicroelectronics M74HC132 Datasheet HTML 8Page - STMicroelectronics M74HC132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2014
DocID1896 Rev 3
1/13
M74HC132
Quad 2-input Schmitt NAND gate
Datasheet
- production data
Features
• High-speed:
tPD = 11 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 1 μA (max.) at TA = 25 °C
• High noise immunity:
VH(typ) = 0.9 V at VCC = 5 V
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 132
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Description
The M74HC132 is a high-speed CMOS quad 2-
input Schmitt NAND gate fabricated with silicon
gate C2MOS technology.
Pin configuration and function are identical to
those of the M74HC00. The hysteresis
characteristics (around 20 % VCC) of all inputs
allow slowly changing input signals to be
transformed into sharply defined jitter-free output
signals.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO14
TSSOP14
Table 1. Device summary
Order code
Temp. range
Package
Packing
Marking
M74HC132RM13TR
-55 °C to 125 °C
S014
Tape and reel
74HC132
M74HC132YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40 °C to 125 °C
SO14 (automotive grade)
74HC132Y
M74HC132TTR
-55 °C to 125 °C
TSSOP14
HC132
M74HC132YTTR(1)
-40 °C to 125 °C
TSSOP14 (automotive grade)
HC132Y
www.st.com


Similar Part No. - M74HC132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
M74HC132B1R STMICROELECTRONICS-M74HC132B1R Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HC132B1R STMICROELECTRONICS-M74HC132B1R Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
M74HC132C1R STMICROELECTRONICS-M74HC132C1R Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
More results

Similar Description - M74HC132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com