Electronic Components Datasheet Search
  English  ▼

X  

LP5012 Datasheet(PDF) 23 Page - Texas Instruments

Part # LP5012
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5012 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 19Page - Texas Instruments LP5012 Datasheet HTML 20Page - Texas Instruments LP5012 Datasheet HTML 21Page - Texas Instruments LP5012 Datasheet HTML 22Page - Texas Instruments LP5012 Datasheet HTML 23Page - Texas Instruments LP5012 Datasheet HTML 24Page - Texas Instruments LP5012 Datasheet HTML 25Page - Texas Instruments LP5012 Datasheet HTML 26Page - Texas Instruments LP5012 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
8.6 Register Maps
Table 8-4 lists the memory-mapped registers of the device.
Table 8-4. Register Maps
REGISTER
NAME
ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0
DEF-
AULT
DEVICE_
CONFIG0
00h
R/ W
RESERVED
Chip_EN
RESERVED
00h
DEVICE_
CONFIG1
01h
R/ W
RESERVED
Log_Scale_EN
Power_Save_
EN
Auto_Incr_EN
PWM_
Dithering_EN
Max_Current_
Option
LED_Global Off
3Ch
LED_CONFIG0
02h
R/ W
RESERVED
LED3_Bank_EN
(Only for
LP5012)
LED2_Bank_EN LED1_Bank_EN LED0_Bank_EN
00h
BANK_
BRIGHTNESS
03h
R/ W
Bank_Brightness
FFh
BANK_A_
COLOR
04h
R/ W
Bank_A_Color
00h
BANK_B_
COLOR
05h
R/ W
Bank_B_Color
00h
BANK_C_
COLOR
06h
R/ W
Bank_C_Color
00h
LED0_
BRIGHTNESS
07h
R/ W
LED0_Brightness
FFh
LED1_
BRIGHTNESS
08h
R/ W
LED1_Brightness
FFh
LED2_
BRIGHTNESS
09h
R/ W
LED2_Brightness
FFh
LED3_
BRIGHTNESS
0Ah
R/ W
LED3_Brightness
(Only for LP5012)
FFh
OUT0_COLOR
0Bh
R/ W
OUT0_Color
00h
OUT1_COLOR
0Ch
R/ W
OUT1_Color
00h
OUT2_COLOR
0Dh
R/ W
OUT2_Color
00h
OUT3_COLOR
0Eh
R/ W
OUT3_Color
00h
OUT4_COLOR
0Fh
R/ W
OUT4_Color
00h
OUT5_COLOR
10h
R/ W
OUT5_Color
00h
OUT6_COLOR
11h
R/ W
OUT6_Color
00h
OUT7_COLOR
12h
R/ W
OUT7_Color
00h
OUT8_COLOR
13h
R/ W
OUT8_Color
00h
www.ti.com
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com