Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60-1276 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD57 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PD57/60-1276 Hardware Manual • Hardware Version V1.10 | Document Revision V1.01 • 2018-JUL-18
5 / 24
stallGuard2 measurement value changes linearly over a wide range of load, velocity, and current settings.
At maximum motor load, the value reaches zero or is near zero. This is the most energy-e cient point of
operation for the motor.
Load [Nm]
stallGuard2
Initial stallGuard2 (SG) value: 100%
Max. load
stallGuard2 (SG) value: 0
Maximum load reached.
Motor close to stall.
Motor stalls
Figure 3: stallGuard2 Load Measurement as a Function of Load
1.2.4
coolStep
coolStep is a load-adaptive automatic current scaling based on the load measurement via stallGuard2.
coolStep adapts the required current to the load. Energy consumption can be reduced by as much as 75%.
coolStep allows substantial energy savings, especially for motors which see varying loads or operate at a
high duty cycle. Because a stepper motor application needs to work with a torque reserve of 30% to 50%,
even a constant-load application allows signi cant energy savings because coolStep automatically enables
torque reserve when required. Reducing power consumption keeps the system cooler, increases motor
life, and allows for cost reduction.
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
50
100
150
200
250
300
350
Efficiency
Velocity [RPM]
Efficiency with coolStep
Efficiency with 50v torque reserve
Figure 4: Energy E ciency Example with coolStep
1.2.5
sixPoint Motion Controller
TRINAMIC’s sixPoint motion controller is a new type of ramp generator, which offers faster machine
operation compared to the classical linear acceleration ramps. The sixPoint ramp generator allows adapting
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com