Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60-1276 Hardware Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PD57/60-1276 Hardware Manual • Hardware Version V1.10 | Document Revision V1.01 • 2018-JUL-18
13 / 24
4
Connectors and LEDs
The PD57/60-1276 offers two connectors - one 10-pin connector for power supply, communication (CAN)
and four Inputs and one four pin connector for connecting the motor.
Motor
Power + I/O
1
4
1
10
Green LED
Red LED
Figure 11: PD57/60-1276 connectors
Overview of connector and mating connector types:
Label
Connector type
Mating connector type
Power and I/O connector
JST B10B-EH-A (JST PH series,
10pins, 2.5mm pitch)
Connector housing: JST EHR-
10 Contacts: JST SEH-001T-P0.6
Wire: 0.33mm2, AWG 22
Motor connector
JST B4B-EH-A (JST EH series,
4pins, 2.5mm pitch)
Connector housing: JST EHR-
4 Contacts: JST SEH-001T-P0.6
Wire: 0.33mm2, AWG 22
Table 5: Connector and mating connectors
4.1
Power supply and I/O Connector
Pin no. Pin name
Description
1
GND
Power supply and signal ground connection
2
+24V
Power supply voltage input (+10V to +30V DC)
3
CAN_H
Differential CAN bus signal (non-inverting)
4
CAN_L
Differential CAN bus signal (inverting)
5
GND
Signal ground connection
6
+5V
5V output, 100mA maximum load, e.g. for end / home switch circuit or
external encoder supply
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com