Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA171
Description  OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA171 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA171 Datasheet HTML 17Page - Texas Instruments OPA171 Datasheet HTML 18Page - Texas Instruments OPA171 Datasheet HTML 19Page - Texas Instruments OPA171 Datasheet HTML 20Page - Texas Instruments OPA171 Datasheet HTML 21Page - Texas Instruments OPA171 Datasheet HTML 22Page - Texas Instruments OPA171 Datasheet HTML 23Page - Texas Instruments OPA171 Datasheet HTML 24Page - Texas Instruments OPA171 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Power-Supply
ESD Cell
2.5 NŸ
2.5 NŸ
IN±
IN+
R1
RS
RF
TVS
RL
VIN
±VS
ID
+
±
TVS
+VS
+
Figure 7-1. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
An ESD event produces a short duration, high-voltage pulse that is transformed into a short duration, high-
current pulse when discharging through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent damage. The energy absorbed by the
protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more amplifier device pins, current flows through one or
more steering diodes. Depending on the path that the current takes, the absorption device can activate. The
absorption device contains a trigger (or threshold voltage) that is above the normal operating voltage of the
OPAx171 but below the device breakdown level. When this threshold is exceeded, the absorption device quickly
activates and clamps the voltage across the supply rails to a safe level.
When the operational amplifier connects into a circuit (as shown in Figure 7-1), the ESD protection components
are intended to remain inactive and do not become involved in the application circuit operation. However,
circumstances may arise when an applied voltage exceeds the operating voltage of a given pin. If this condition
occurs, there is a risk that some internal ESD protection circuits can turn on and conduct current. Any such
current flow occurs through steering-diode paths and rarely involves the absorption device.
Figure 7-1 shows a specific example where the input voltage (VIN) exceeds the positive supply voltage (V+) by
500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If V+ can sink the
current, one of the upper steering diodes conducts and directs current to V+. Excessively high current levels can
flow with increasingly higher VIN. As a result, the data sheet specifications recommend that applications limit the
input current to 10 mA.
If the supply is not capable of sinking the current, VIN begins sourcing current to the operational amplifier and
then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise to
levels that exceed the operational amplifier absolute maximum ratings.
www.ti.com
OPA171, OPA2171, OPA4171
SBOS516H – SEPTEMBER 2010 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com