Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA171
Description  OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA171 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA171 Datasheet HTML 8Page - Texas Instruments OPA171 Datasheet HTML 9Page - Texas Instruments OPA171 Datasheet HTML 10Page - Texas Instruments OPA171 Datasheet HTML 11Page - Texas Instruments OPA171 Datasheet HTML 12Page - Texas Instruments OPA171 Datasheet HTML 13Page - Texas Instruments OPA171 Datasheet HTML 14Page - Texas Instruments OPA171 Datasheet HTML 15Page - Texas Instruments OPA171 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-20
-12
-6
0
6
20
V
(V)
CM
12
-IB
+I
B
-IOS
-18
18
V
= 18.1V
-
CM
V
=16V
CM
Figure 5-7. IB and IOS vs Common-Mode Voltage
I
B+
I
B-
I
OS
10000
1000
100
10
1
0
-40
-25
0
25
Temperature (°C)
50
125
100
75
I
B
I
OS
Figure 5-8. Input Bias Current vs Temperature
18
0
2
4
6
8
16
OutputCurrent(mA)
10
12
14
17
16
15
14.5
-14.5
-15
-16
-17
-18
-
°
40 C
+25 C
°
+85 C
°
+125 C
°
Figure 5-9. Output Voltage Swing vs Output
Current (Maximum Supply)
140
120
100
80
60
40
20
0
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
+PSRR
-PSRR
CMRR
Figure 5-10. CMRR and PSRR vs Frequency
(Referred-to Input)
30
20
10
0
10
20
30
-
-
-
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7V
S
V =4V
S
V =36V
S
Figure 5-11. CMRR vs Temperature
3
2
1
0
1
2
3
-
-
-
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7Vto36V
S
V =4Vto36V
S
Figure 5-12. PSRR vs Temperature
OPA171, OPA2171, OPA4171
SBOS516H – SEPTEMBER 2010 – REVISED JUNE 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com