Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 40 Page - Texas Instruments

Part # OPA171
Description  OPAx171 36V, Single-Supply, SOT-553, General-Purpose Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA171 Datasheet(HTML) 40 Page - Texas Instruments

Back Button OPA171 Datasheet HTML 36Page - Texas Instruments OPA171 Datasheet HTML 37Page - Texas Instruments OPA171 Datasheet HTML 38Page - Texas Instruments OPA171 Datasheet HTML 39Page - Texas Instruments OPA171 Datasheet HTML 40Page - Texas Instruments OPA171 Datasheet HTML 41Page - Texas Instruments OPA171 Datasheet HTML 42Page - Texas Instruments OPA171 Datasheet HTML 43Page - Texas Instruments OPA171 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X 0.5
2X
1.5
8X
0.25
0.17
3.2
3.0
TYP
SEATING
PLANE
0.1
0.0
0.12
GAGE PLANE
0 -6
0.9
0.6
B
2.4
2.2
NOTE 3
A
2.1
1.9
NOTE 3
0.35
0.20
(0.13) TYP
VSSOP - 0.9 mm max height
DCU0008A
SMALL OUTLINE PACKAGE
4225266/A 09/2014
1
4
5
8
0.08
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-187 variation CA.
A 30
DETAIL A
TYPICAL
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com