Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA189IDBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 26Page - Texas Instruments OPA189IDBVT Datasheet HTML 27Page - Texas Instruments OPA189IDBVT Datasheet HTML 28Page - Texas Instruments OPA189IDBVT Datasheet HTML 29Page - Texas Instruments OPA189IDBVT Datasheet HTML 30Page - Texas Instruments OPA189IDBVT Datasheet HTML 31Page - Texas Instruments OPA189IDBVT Datasheet HTML 32Page - Texas Instruments OPA189IDBVT Datasheet HTML 33Page - Texas Instruments OPA189IDBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
9.2.2 Discrete INA + Attenuation for ADC With 3.3-V Supply
Note
The TINA-TI™ software files shown in the following sections require that either the TINA™ software
(from DesignSoft™) or TINA-TI simulation software be installed. See Section 12.1.1.1 for more
information.
Figure 9-3 shows an example of how the OPAx189 is used as a high-voltage, high-impedance front end for a
precision, discrete instrumentation amplifier with attenuation. The INA159 provides the attenuation that allows
this circuit to simply interface with 3.3-V or 5-V analog-to-digital converters (ADCs). Click the following link
download the TINA-TI software file: Discrete INA.
OPAx189
OPAx189
15 V
- 15 V
+
5 V
VCM
10V
VDIFF / 2
±VDIFF / 2
15 V
15 V
VOUTP
VOUTN
Ref 1
Ref 2
INA159
Sense
RG
500 Ÿ
RP
10 NŸ
RN
10 NŸ
VOUT
(1)
Copyright © 2017, Texas Instruments Incorporated
(1) VOUT = VDIFF × (41 / 5) + (Ref 1) / 2.
Figure 9-3. Discrete INA + Attenuation for ADC With 3.3-V Supply
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com