Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 31 Page - Texas Instruments

Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA189IDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 27Page - Texas Instruments OPA189IDBVT Datasheet HTML 28Page - Texas Instruments OPA189IDBVT Datasheet HTML 29Page - Texas Instruments OPA189IDBVT Datasheet HTML 30Page - Texas Instruments OPA189IDBVT Datasheet HTML 31Page - Texas Instruments OPA189IDBVT Datasheet HTML 32Page - Texas Instruments OPA189IDBVT Datasheet HTML 33Page - Texas Instruments OPA189IDBVT Datasheet HTML 34Page - Texas Instruments OPA189IDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
9.2.3 Bridge Amplifier
Figure 9-4 shows the basic configuration for a bridge amplifier. Click the following link to download the TINA-TI
software file: Bridge Amplifier Circuit.
VEX
R
R
R
R
R1
VREF
VOUT
+5V
Copyright © 2017, Texas Instruments Incorporated
Figure 9-4. Bridge Amplifier
9.2.4 Low-Side Current Monitor
Figure 9-5 shows the OPAx189 configured in a low-side current-sensing application. The load current (ILOAD)
creates a voltage drop across the shunt resistor (RSHUNT). This voltage is amplified by the OPAx189, with a gain
of 201. In this example the load current is set from 0 A to 500 mA, which corresponds to an output voltage range
from 0 V to 10 V. The output range can be adjusted by changing the shunt resistor or gain of the configuration.
Click the following link to download the TINA-TI software file: Current-Sensing Circuit.
RIN
RF
RSHUNT
100 m
Load
ILOAD
VOUT
VOUT = ILOAD * RSHUNT(1 + RF / RIN)
VOUT / ILOAD= 1 V / 49.75 mA
100
20 k
CF
150
pF
+
±
OPAx189
15 V
V
SYSTEM
Copyright © 2017, Texas Instruments Incorporated
Figure 9-5. Low-Side Current Monitor
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com