Electronic Components Datasheet Search
  English  ▼

X  

OPA210IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA210IDBVT
Description  OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA210IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA210IDBVT Datasheet HTML 2Page - Texas Instruments OPA210IDBVT Datasheet HTML 3Page - Texas Instruments OPA210IDBVT Datasheet HTML 4Page - Texas Instruments OPA210IDBVT Datasheet HTML 5Page - Texas Instruments OPA210IDBVT Datasheet HTML 6Page - Texas Instruments OPA210IDBVT Datasheet HTML 7Page - Texas Instruments OPA210IDBVT Datasheet HTML 8Page - Texas Instruments OPA210IDBVT Datasheet HTML 9Page - Texas Instruments OPA210IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6.6 Electrical Characteristics
at VS = ±15 V, TA = 25°C, RL = 10 kΩ connected to midsupply, and VCM =VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±15 V, VCM = 0 V
±5
±35
µV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.1
±0.5
µV/°C
VOS -
matching
Input offset voltage matching
±5
±35
µV
PSRR
vs power supply
VS = ±2.25 V to ±18 V
TA = 25°C
0.05
0.5
µV/V
TA = –40°C to 125°C
±1
Channel separation
DC
±0.1
µV/V
INPUT BIAS OPERATION
IB
Input bias current
VCM = 0 V
TA = 25°C
±0.3
±2
nA
TA = –40°C to 85°C
±4
TA = –40°C to 125°C
±7
IOS
Input offset current
VCM = 0 V
TA = 25°C
±0.1
±2
nA
TA = –40°C to 85°C
±4
TA = –40°C to 125°C
±7
NOISE
en p-p
Input voltage noise
f = 0.1 Hz to 10 Hz
0.09
µVPP
en
Noise density
f = 10 Hz
2.5
nV/√Hz
f = 100 Hz
2.25
f = 1 kHz
2.2
In
Input current noise density
f = 1 kHz
400
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) + 1.5
(V+) – 1.5
V
CMRR
Common-mode rejection
ratio
(V–) + 1.5 V < VCM < (V+) – 1.5 V
132
140
dB
(V–) + 1.5 V < VCM < (V+) – 1.5 V,
TA = –40°C to 125°C
120
130
INPUT IMPEDANCE
Differential
400 || 9
kΩ || pF
Common-mode
109 || 0.5
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.2 V < VO < (V+) – 0.2
V, RL = 10 kΩ
TA = 25°C
126
132
dB
TA = –40°C to 125°C
120
(V–) + 0.6 V < VO < (V+) – 0.6
V, RL = 600 Ω(1)
TA = 25°C
114
120
TA = –40°C to 85°C
110
FREQUENCY RESPONSE
GBW
Gain bandwidth product
18
MHz
SR
Slew rate
6.4
V/µs
Phase margin (Φm)
RL = 10 kΩ, CL = 25 pF
80
degrees
tS
Settling time
0.1%, G = –1, 10-V step, CL = 100 pF
2.1
µs
0.0015% (16-bit), G = –1, 10-V step, CL = 100 pF
2.6
Overload recovery time
G = –10
0.5
µs
Total harmonic distortion +
noise (THD+N)
G = +1, f = 1 kHz, VO = 20 VPP, 600 Ω
0.000025
%
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com