Electronic Components Datasheet Search
  English  ▼

X  

OPA210IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA210IDBVT
Description  OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA210IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA210IDBVT Datasheet HTML 1Page - Texas Instruments OPA210IDBVT Datasheet HTML 2Page - Texas Instruments OPA210IDBVT Datasheet HTML 3Page - Texas Instruments OPA210IDBVT Datasheet HTML 4Page - Texas Instruments OPA210IDBVT Datasheet HTML 5Page - Texas Instruments OPA210IDBVT Datasheet HTML 6Page - Texas Instruments OPA210IDBVT Datasheet HTML 7Page - Texas Instruments OPA210IDBVT Datasheet HTML 8Page - Texas Instruments OPA210IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
1 Features
• Precision super beta input performance:
– Low offset voltage: 5 µV (typical)
– Ultra-low drift: 0.1 µV/°C (typical)
– Low input bias current: 0.3 nA (typical)
• Ultra-low noise:
– Low 0.1-Hz to 10-Hz noise: 90 nVPP
– Low voltage noise: 2.2 nV/√ Hz at 1 kHz
• High CMRR: 132 dB (minimum)
• Gain bandwidth product: 18 MHz
• Slew rate: 6.4 V/µs
• Low quiescent current: 2.5 mA/channel (maximum)
• Short-circuit current: ±65 mA
• Wide supply range: ±2.25 V to ±18 V
• No phase reversal
• Rail-to-rail output
• Industry-standard packages
2 Applications
• Ultrasound scanner
• Multiparameter patient monitor
• Merchant network and server PSU
• Semiconductor test
• Spectrum analyzer
• Lab and field instrumentation
• Data acquisition (DAQ)
• Professional microphone and wireless systems
3 Description
The OPA210 and OPA2210 (OPAx210) are the next
generation of OPAx209 operational amplifier (op
amp). The OPAx210 precision op amps are built
on TI's precision, super-beta, complementary bipolar
semiconductor process, which offers ultra-low flicker
noise, low offset voltage, and low offset voltage
temperature drift.
The OPAx210 achieve very low voltage noise
density (2.2 nV/√Hz) while consuming only 2.5 mA
(maximum) per amplifier. These devices also offer
rail-to-rail output swing, which helps maximize
dynamic range.
In
precision
data-acquisition
applications,
the
OPAx210 provide fast settling time to 16-bit
accuracy, even for 10-V output swings. Excellent ac
performance, combined with only 35 μV (maximum)
of offset and 0.6 µV/°C (maximum) drift over
temperature, makes the OPAx210 an excellent choice
for high-speed, high-precision applications.
The OPAx210 are specified over a wide dual power-
supply range of ±2.25 V to ±18 V, or single-supply
operation from 4.5 V to 36 V, are specified from –40°C
to +125°C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
OPA210
SOIC (8)
2.90 mm × 1.60 mm
SOT-23 (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2210
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Time (1 s/div)
OPAx210 0.1-Hz to 10-Hz Noise
Offset Voltage Drift (PV/qC)
-0.6 -0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2.5%
5%
7.5%
10%
12.5%
15%
17.5%
20%
OPAx210 Offset Voltage Drift Distribution
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA210IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA210IDBVT TI-OPA210IDBVT Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
More results

Similar Description - OPA210IDBVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
logo
Texas Instruments
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA210 TI-OPA210 Datasheet
2Mb / 38P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V01 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V02 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com