Electronic Components Datasheet Search
  English  ▼

X  

OPA210IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA210IDBVT
Description  OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA210IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA210IDBVT Datasheet HTML 6Page - Texas Instruments OPA210IDBVT Datasheet HTML 7Page - Texas Instruments OPA210IDBVT Datasheet HTML 8Page - Texas Instruments OPA210IDBVT Datasheet HTML 9Page - Texas Instruments OPA210IDBVT Datasheet HTML 10Page - Texas Instruments OPA210IDBVT Datasheet HTML 11Page - Texas Instruments OPA210IDBVT Datasheet HTML 12Page - Texas Instruments OPA210IDBVT Datasheet HTML 13Page - Texas Instruments OPA210IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Frequency (Hz)
20
40
60
80
100
120
140
160
100
1k
10k
100k
1M
10M
CMRR
Figure 6-13. CMRR vs Frequency
Temperature (qC)
-50
-25
0
25
50
75
100
125
120
130
140
150
160
0.01
0.1
1
Figure 6-14. CMRR vs Temperature
Frequency (Hz)
1
10
100
1000
10
100
1k
10k
100k
1M
10M
100M
Figure 6-15. Open-Loop Output Impedance vs Frequency
Frequency (Hz)
-20
20
0
40
20
60
40
80
60
100
80
120
100
140
120
160
140
180
100m
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
Figure 6-16. Open-Loop Gain and Phase vs Frequency
Temperature (qC)
-50
-25
0
25
50
75
100
125
100
110
120
130
140
150
160
0.01
0.1
1
10
10 k: Load
600 : Load
Figure 6-17. Open-Loop Gain vs Temperature
Positive Input Bias Current (nA)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
5%
10%
15%
20%
0
Figure 6-18. Positive Input Bias Current Production Distribution
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com