Electronic Components Datasheet Search
  English  ▼

X  

OPA325 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA325
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325 Datasheet(HTML) 2 Page - Texas Instruments

  OPA325 Datasheet HTML 1Page - Texas Instruments OPA325 Datasheet HTML 2Page - Texas Instruments OPA325 Datasheet HTML 3Page - Texas Instruments OPA325 Datasheet HTML 4Page - Texas Instruments OPA325 Datasheet HTML 5Page - Texas Instruments OPA325 Datasheet HTML 6Page - Texas Instruments OPA325 Datasheet HTML 7Page - Texas Instruments OPA325 Datasheet HTML 8Page - Texas Instruments OPA325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
OPA325, OPA2325, OPA4325
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
www.ti.com
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: OPA325 .................................. 6
6.5
Thermal Information: OPA2325 ................................ 6
6.6
Thermal Information: OPA4325 ................................ 6
6.7
Electrical Characteristics: VS = 2.2 V to 5.5 V or
±1.1 V to ±2.75 V ....................................................... 7
6.8
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 16
7.1
Overview ................................................................. 16
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 18
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Application .................................................. 20
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Related Links ........................................................ 27
11.3
Receiving Notification of Documentation Updates 27
11.4
Community Resources.......................................... 27
11.5
Trademarks ........................................................... 27
11.6
Electrostatic Discharge Caution ............................ 27
11.7
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2019) to Revision D
Page
•
Added OPA325 and associated content to data sheet .......................................................................................................... 1
Changes from Revision B (February 2019) to Revision C
Page
•
Changed OPA4325 device status from preview to production data (active) ......................................................................... 1
Changes from Revision A (July 2017) to Revision B
Page
•
Added OPA4325 advance information device to data sheet.................................................................................................. 1
•
Added operating temperature to Absolute Maximum Ratings table ....................................................................................... 5
•
Deleted specified temperature from Absolute Maximum Ratings table; specified temperature already listed in
Recommended Operating Conditions table............................................................................................................................ 5
Changes from Original (October 2016) to Revision A
Page
•
Added new VSSOP package option for dual-channel device ................................................................................................ 1
•
Added top navigator icon for TI reference design ................................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com