Electronic Components Datasheet Search
  English  ▼

X  

OPA325 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA325
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA325 Datasheet HTML 8Page - Texas Instruments OPA325 Datasheet HTML 9Page - Texas Instruments OPA325 Datasheet HTML 10Page - Texas Instruments OPA325 Datasheet HTML 11Page - Texas Instruments OPA325 Datasheet HTML 12Page - Texas Instruments OPA325 Datasheet HTML 13Page - Texas Instruments OPA325 Datasheet HTML 14Page - Texas Instruments OPA325 Datasheet HTML 15Page - Texas Instruments OPA325 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
-20
0
20
40
60
100
1k
10k
100k
1M
10M
Frequency (Hz)
C201
G = +1
G = +10
G = +100
-20
0
20
40
60
100
1k
10k
100k
1M
10M
Frequency (Hz)
C202
G = +100
G = +10
G = +1
1
10
100
1k
1
10
100
1k
10k
100k
Frequency (Hz)
C205
Time
(1 s/div)
C204
-20
-15
-10
-5
0
5
10
15
20
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C012
-15
-10
-5
0
5
10
15
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C011
12
OPA325, OPA2325, OPA4325
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
www.ti.com
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Figure 19. CMRR vs Temperature
Figure 20. PSRR vs Temperature
Figure 21. Input Voltage Noise Spectral Density vs
Frequency
Figure 22. 0.1-Hz to 10-Hz Input Voltage Noise
VS = 1.8 V, RL = 10 kΩ, CL = 15 pF
Figure 23. Closed-Loop Gain vs Frequency
VS = 5.5 V, RL = 10 kΩ, CL = 15 pF
Figure 24. Closed-Loop Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com