Electronic Components Datasheet Search
  English  ▼

X  

OPA325 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA325
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA325 Datasheet HTML 9Page - Texas Instruments OPA325 Datasheet HTML 10Page - Texas Instruments OPA325 Datasheet HTML 11Page - Texas Instruments OPA325 Datasheet HTML 12Page - Texas Instruments OPA325 Datasheet HTML 13Page - Texas Instruments OPA325 Datasheet HTML 14Page - Texas Instruments OPA325 Datasheet HTML 15Page - Texas Instruments OPA325 Datasheet HTML 16Page - Texas Instruments OPA325 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
-120
-100
-80
-60
-40
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C004
G = -1, R
L = 600 Ÿ
G = +1, R
L = 600 Ÿ
G = -1, R
L = 2 kŸ
G = -1, R
L = 10 kŸ
G = +1, R
L = 2 kŸ
G = +1,
R
L = 10 kŸ
-140
-120
-100
-80
-60
-40
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C206
G = -1, R
L = 600 Ÿ
G = +1, R
L = 600 Ÿ
G = -1, R
L = 2 kŸ
G = -1, R
L = 10 kŸ
G = +1, R
L = 2 kŸ
G = +1, R
L = 10 kŸ
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
Capacitive Load (pF)
C209
G = 1, V
S = 1.8 V
G = 1, V
S = 5.5 V
G = 10, V
S = 5.5 V
G = 10, V
S = 5.5 V
-120
-100
-80
-60
0.0001
0.001
0.01
0.1
0.001
0.01
0.1
1
Output Amplitude (V
RMS)
C208
G = -1, R
L = 600 Ÿ
G = +1, R
L = 600 Ÿ
G = -1,
R
L = 2 kŸ
G = +1, R
L = 10 kŸ
G = +1, R
L = 2 kŸ
G = -1,
R
L = 10 kŸ
0
1
2
3
4
5
6
7
100
1k
10k
100k
1M
10M
Frequency (Hz)
C218
V
S = ±2.5 V
V
S = ±0.9 V
10m 100m 1
10
100
1k
10k 100k 1M 10M 100M 1G
100
1k
10k
Frequency (Hz)
C025
13
OPA325, OPA2325, OPA4325
www.ti.com
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Figure 25. Maximum Output Voltage vs Frequency
Figure 26. Open-Loop Output Impedance vs Frequency
Figure 27. Small-Signal Overshoot vs Load Capacitance
f = 10 kHz, VS = ±2.5 V, filter bandwidth = 500 kHz
Figure 28. THD+N vs Amplitude
VIN = 2 VPP, VS = ±2.5 V, filter bandwidth = 500 kHz
Figure 29. THD+N vs Frequency
VIN = 4 VPP, VS = ±2.5 V, filter bandwidth = 500 kHz
Figure 30. THD+N vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com