Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-μV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA375 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 15Page - Texas Instruments OPA375 Datasheet HTML 16Page - Texas Instruments OPA375 Datasheet HTML 17Page - Texas Instruments OPA375 Datasheet HTML 18Page - Texas Instruments OPA375 Datasheet HTML 19Page - Texas Instruments OPA375 Datasheet HTML 20Page - Texas Instruments OPA375 Datasheet HTML 21Page - Texas Instruments OPA375 Datasheet HTML 22Page - Texas Instruments OPA375 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
7.8 Typical Characteristics: OPA2375
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Offset Voltage (µV)
-500 -400 -300 -200 -100
0
100 200 300 400 500
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
D001
VCM = V–
Figure 7-39. Offset Voltage Production Distribution
Offset Voltage Drift (PV/qC)
0
2
4
6
8
10
12
14
16
18
20
22
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
D002
Figure 7-40. Offset Voltage Drift Distribution
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-200
-160
-120
-80
-40
0
40
80
120
160
200
D003
VCM = V–
Figure 7-41. Offset Voltage vs Temperature (PMOS Input Pair)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-4000
-3200
-2400
-1600
-800
0
800
1600
2400
3200
4000
4800
D004
VCM = V+
Figure 7-42. Offset Voltage vs Temperature (NMOS Input Pair)
Input Common Mode Voltage (V)
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
-4000
-3000
-2000
-1000
0
1000
2000
3000
4000
5000
D005
Over full common-mode voltage range
Figure 7-43. Offset Voltage vs Common-Mode Voltage (Full
Range)
Input Common Mode Voltage (V)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-200
-160
-120
-80
-40
0
40
80
120
160
200
D006
Figure 7-44. Offset Voltage vs Common-Mode Voltage (PMOS
Input Pair)
www.ti.com
OPA375, OPA2375
SBOS886E – NOVEMBER 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA375 OPA2375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com