Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-μV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA375 Datasheet(HTML) 1 Page - Texas Instruments

  OPA375 Datasheet HTML 1Page - Texas Instruments OPA375 Datasheet HTML 2Page - Texas Instruments OPA375 Datasheet HTML 3Page - Texas Instruments OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
OPA375, OPA2375, OPA4375 500-µV (Maximum), 10-MHz, Low Broadband Noise,
RRO, Operational Amplifier
1 Features
• Low broadband noise: 3.5 nV/√Hz
• Low offset voltage: 500 µV (maximum)
• Low THD+N: 0.00015%
• Gain bandwidth: 10 MHz
• Rail-to-rail output
• Unity-gain stable
• Low IQ:
– OPA375: 890 µA/ch
– OPA2375/OPA4375: 990 µA/ch
• Wide supply range:
– OPA375: 2.25 V to 5.5 V
– OPA2375/OPA4375: 1.7 V to 5.5 V
• Low offset voltage drift: ±0.16 µV/°C
2 Applications
• Photodiode amplifiers
• Precision sensor front-ends
• ADC input-driver amplifiers
• Test and measurement equipment
• Sensor field transmitters
• Wearable consumer applications
• Audio equipment
• Medical instrumentation
• Active filters
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
10
100
1k
10k
100k
D012
Noise Spectral Density vs Frequency
3 Description
The OPAx375 family includes single (OPA375), dual
(OPA2375) and quad-channel (OPA2375) general-
purpose CMOS operation amplifiers (op amp) that
provide an extremely low noise figure of 3.5 nV/√Hz, a
low offset of 500 µV (maximum) and a wide bandwidth
of 10 MHz. The low noise and wide bandwidth make
the OPAx375 family attractive for a variety of precision
applications that require a good balance between
cost and performance. Additionally, the input bias
current of the OPAx375 supports applications with
high source impedance.
The robust design of the OPAx375 family provides
ease-of-use to the circuit designer due to the unity-
gain stability, integrated RFI/EMI rejection filter, no
phase reversal in overdrive conditions, and high
electrostatic discharge (ESD) protection (2-kV HBM).
Additionally, the resistive open-loop output impedance
allows for easy stabilization with much higher
capacitive loads.
This op amp is optimized for low-voltage operation
as low as 2.25 V (±1.125 V) for the OPA375 and
1.7 V (±0.85 V) for the OPA2375 and OPA4375. All
of the devices operate up to 5.5 V (±2.75 V), and
are specified over the temperature range of –40°C to
125°C.
The single-channel OPA375 is available in a small-
size SC70-5 package. The dual-channel OPA2375 is
available in multiple package options including a tiny
1.5 mm × 2.0 mm X2QFN package.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
OPA375
SC70 (5)
1.25 mm × 2.00 mm
OPA2375
SOIC (8)
3.91 mm × 4.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)
3.00 mm × 3.00 mm
SOT-23 (8)
1.60 mm × 2.90 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)
1.50 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
OPA375, OPA2375
SBOS886E – NOVEMBER 2017 – REVISED AUGUST 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
2Mb / 45P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
3Mb / 51P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
4Mb / 57P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375 Datasheet
4Mb / 57P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results

Similar Description - OPA375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V02 Datasheet
3Mb / 51P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com