Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 33 Page - Texas Instruments

Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-μV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA375 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 29Page - Texas Instruments OPA375 Datasheet HTML 30Page - Texas Instruments OPA375 Datasheet HTML 31Page - Texas Instruments OPA375 Datasheet HTML 32Page - Texas Instruments OPA375 Datasheet HTML 33Page - Texas Instruments OPA375 Datasheet HTML 34Page - Texas Instruments OPA375 Datasheet HTML 35Page - Texas Instruments OPA375 Datasheet HTML 36Page - Texas Instruments OPA375 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
9.2.2 Detailed Design Procedure
The transfer function defining the relationship between VOUT and the AC input signal is shown in Equation 1.
_
1
F
OUT
IN
AC
G
R
V
V
R
§
·
u ¨
¸
©
¹
(1)
The required gain can be calculated based on the expected input signal level and desired output level as shown
in Equation 2.
_
1
126
7.93
OUT
RMS
OPA
IN
AC
RMS
V
V
V
G
V
mV
V
(2)
Select a standard 10-kΩ feedback resistor and calculate RG from Equation 3.
10
80
78.7
(closest standard value)
1
126
1
F
G
OPA
R
k
R
V
G
V
:
: o
:
(3)
To minimize the attenuation in the desired passband from 300 Hz to 3 kHz, set the upper (fH) and lower (fL) cutoff
frequencies outside of the desired bandwidth as:
fL = 200 Hz
(4)
and
fH = 5 kHz
(5)
Select CG to set the fL cutoff frequency using Equation 6.
1
1
10.11
10
2
2
78.7
200
G
G
L
C
F
F
R
f
Hz
P
P
S
S
o
u
u
u
u
u
: u
(6)
Select CF to set the fH cutoff frequency using Equation 7.
1
1
3.18
3.3
(Standard Value)
2
2
10
5
F
F
H
C
nF
nF
R
f
k
kHz
S
S
o
u
u
u
u
u
: u
(7)
The input signal cutoff frequency must be set low enough such that low-frequency sound waves still pass
through. Therefore select CIN to achieve a 30-Hz cutoff frequency (fIN) using Equation 8.
1
2
1
1
53
68
(Standard Value)
2
(
||
)
2
100
30
o
u
u
u
u
u
: u
IN
IN
C
nF
nF
R
R
f
k
Hz
S
S
(8)
The measured transfer function for the microphone preamplifier circuit is shown in Figure 9-2 and the measured
THD + N performance of the microphone preamplifier circuit is shown in Figure 9-3.
www.ti.com
OPA375, OPA2375
SBOS886E – NOVEMBER 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: OPA375 OPA2375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com