Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 17Page - Texas Instruments OPA396 Datasheet HTML 18Page - Texas Instruments OPA396 Datasheet HTML 19Page - Texas Instruments OPA396 Datasheet HTML 20Page - Texas Instruments OPA396 Datasheet HTML 21Page - Texas Instruments OPA396 Datasheet HTML 22Page - Texas Instruments OPA396 Datasheet HTML 23Page - Texas Instruments OPA396 Datasheet HTML 24Page - Texas Instruments OPA396 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
9 Power Supply Recommendations
The OPA396 device is specified for operation from 1.7 V to 5.5 V (±0.85 V to ±2.75 V).
10 Layout
10.1 Layout Guidelines
Paying attention to good layout practice is always recommended. Keep traces short, and when possible, use
a printed-circuit board (PCB) ground plane with surface-mount components placed as close as possible to
the device pins. Place a 0.1-µF capacitor closely across the supply pins. These guidelines must be applied
throughout the analog circuit to improve performance and provide benefits, such as reducing the electromagnetic
interference (EMI) susceptibility.
10.2 Layout Example
CBYPASS
Minimize
parasitic
inductance by
placing bypass
capacitor close
to V+.
RF
Route trace
under package
for output to
feedback
resistor
connection.
V+
-IN
+IN
V-
OUT
Keep high
impedance
input signal
away from
noisy traces.
VIN
VOUT
VS
Figure 10-1. OPA396 Layout Example
www.ti.com
OPA396
SBOSA65 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com