Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 8Page - Texas Instruments OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments OPA396 Datasheet HTML 11Page - Texas Instruments OPA396 Datasheet HTML 12Page - Texas Instruments OPA396 Datasheet HTML 13Page - Texas Instruments OPA396 Datasheet HTML 14Page - Texas Instruments OPA396 Datasheet HTML 15Page - Texas Instruments OPA396 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5.0 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Time (100 Ps/div)
C029
VIN
VOUT
Figure 6-31. No Phase Reversal
Time (5 Ps/div)
C048
VIN
VOUT
Figure 6-32. Positive Overload Recovery
Time (5 Ps/div)
C027
VIN
VOUT
Figure 6-33. Negative Overload Recovery
Time (10 Ps/div)
C015
VIN
VOUT
G = +1
Figure 6-34. Small-Signal Step Response (10-mV Step)
Time (10 Ps/div)
C049
VIN
VOUT
G = –1
Figure 6-35. Small-Signal Step Response (10-mV Step)
Time (10 Ps/div)
C013
VIN
VOUT
G = +1
Figure 6-36. Large-Signal Step Response (4-V Step)
OPA396
SBOSA65 – JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com