Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments OPA396 Datasheet HTML 11Page - Texas Instruments OPA396 Datasheet HTML 12Page - Texas Instruments OPA396 Datasheet HTML 13Page - Texas Instruments OPA396 Datasheet HTML 14Page - Texas Instruments OPA396 Datasheet HTML 15Page - Texas Instruments OPA396 Datasheet HTML 16Page - Texas Instruments OPA396 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5.0 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Time (5 Ps/div)
C014
VIN
VOUT
G = –1
Figure 6-37. Large-Signal Step Response (4-V Step)
Time (2 Ps/div)
C033
Falling
Rising
Figure 6-38. Settling Time (1-V Positive Step)
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
50
55
60
65
70
75
80
85
90
C026
Sourcing
Sinking
Figure 6-39. Short-Circuit Current vs Temperature
Frequency (Hz)
0
1
2
3
4
5
6
7
1
10
100
1k
10k
100k
1M
C008
Vs=r2.75 V
Vs=r0.85 V
Figure 6-40. Maximum Output Voltage vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
10M
100M
1000M
C007
PRF = –10 dBm
Figure 6-41. EMIRR vs Frequency
www.ti.com
OPA396
SBOSA65 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com