Electronic Components Datasheet Search
  English  ▼

X  

OPA454 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA454
Description  OPA454 High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers, G = 1 Stable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA454 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA454 Datasheet HTML 8Page - Texas Instruments OPA454 Datasheet HTML 9Page - Texas Instruments OPA454 Datasheet HTML 10Page - Texas Instruments OPA454 Datasheet HTML 11Page - Texas Instruments OPA454 Datasheet HTML 12Page - Texas Instruments OPA454 Datasheet HTML 13Page - Texas Instruments OPA454 Datasheet HTML 14Page - Texas Instruments OPA454 Datasheet HTML 15Page - Texas Instruments OPA454 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
0
300
100
200
400
500
C
(pF)
LOAD
180
160
140
120
100
80
60
40
20
0
R = 0W
F
R = 10kW
F
T = +125 C
°
C
T =
C
+85 C
°
T =
C
+25 C
°
T =
C
-
°
55 C
1 s/div
m
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
G = +2
G = +1
R = 10kW
F
C
= 100pF, 125 C
°
LOAD
V
= +40V
CM
Time (2.5 s/div)
m
V
IN
V
OUT
G = +2
T = +100 C
°
C
C
= 100pF
LOAD
V
= +40V
CM
R = 10kW
F
Time (500ns/div)
G = +1
C
= 100pF
LOAD
V
= 0V
CM
R = 0W
F
T = +125 C
°
C
T = +25 C
°
C
T = 55
-
°
C
C
Time (1 s/div)
m
V
IN
V
OUT
G = +1
T = +60 C
°
C
C
= 50pF
LOAD
V
= +30V
CM
R = 10kW
F
Time (1 s/div)
m
V
IN
V
OUT
G = +1
T = +105 C
°
C
C
= 50pF
LOAD
V
= +30V
CM
R = 10kW
F
12
OPA454
SBOS391B – DECEMBER 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: OPA454
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TP = 25°C, VS = ±50 V, and RL = 4.8 kΩ connected to GND, unless otherwise noted.
Figure 31. Large-Signal Step Response
Figure 32. Large-Signal Step Response
Figure 33. Large-Signal Step Response
Figure 34. Small-Signal Step Response
Figure 35. Step Response
See Application section, Unity-Gain Noninverting Configuration.
G = +1
VCM = 0 V
Figure 36. Gain Peaking vs CLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com