Electronic Components Datasheet Search
  English  ▼

X  

OPA454 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA454
Description  OPA454 High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers, G = 1 Stable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA454 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA454 Datasheet HTML 9Page - Texas Instruments OPA454 Datasheet HTML 10Page - Texas Instruments OPA454 Datasheet HTML 11Page - Texas Instruments OPA454 Datasheet HTML 12Page - Texas Instruments OPA454 Datasheet HTML 13Page - Texas Instruments OPA454 Datasheet HTML 14Page - Texas Instruments OPA454 Datasheet HTML 15Page - Texas Instruments OPA454 Datasheet HTML 16Page - Texas Instruments OPA454 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Time (1 s/div)
m
20
15
10
5
0
-5
-10
-15
-20
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
V
IN
V (Noninverting)
2
V (Inverting)
1
Time (1 s/div)
m
OUT
Status Flag
Enable
20V/div
50V/div
5V/div
10k
100k
1M
10M
Frequency (Hz)
10
8
6
4
2
0
-2
-4
-6
C = 0pF
F
C = 2.5pF
F
C = 5pF
F
T = +25 C
°
A
C = 50pF
L
C = 500pF
L
Time (1 s/div)
m
20
15
10
5
0
-5
-10
-15
-20
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
V
IN
V (Noninverting)
2
V (Inverting)
1
0
300
100
200
400
500
C
(pF)
LOAD
30
25
20
15
10
5
0
-5
C = 0pF
F
C = 2.5pF
F
C = 5pF
F
T =
C
+85 C
°
T =
C
+25 C
°
T =
C
-
°
55 C
T = +125 C
°
C
10k
100k
1M
10M
Frequency (Hz)
10
8
6
4
2
0
-2
-4
-6
R = 10k , C
W
F
F = 50pF
R = 0W
F
C = 100pF
L
C =
L
50pF
C = 2
L
00pF
T = +25 C
°
A
13
OPA454
www.ti.com
SBOS391B – DECEMBER 2007 – REVISED MARCH 2016
Product Folder Links: OPA454
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TP = 25°C, VS = ±50 V, and RL = 4.8 kΩ connected to GND, unless otherwise noted.
G = +2
RF = 10 kΩ
VCM = 0 V
Figure 37. Gain Peaking vs CLOAD
See Application section Unity-Gain Noninverting Configuration.
Figure 38. Gain of +1 vs Frequency
See Application section Unity-Gain Noninverting Configuration.
Figure 39. Gain of +2 vs Frequency
See the Settling Time section. The grid for voltage at V1 and V2 is
scaled 20 mV or 0.1% per division.
20-V Step
Gain = 1
RF = 10 kΩ
Figure 40. Settling Time, Positive Step
See the Settling Time section. The grid for voltage at V1 and V2 is
scaled 20 mV or 0.1% per division.
20-V Step
Gain = 1
RF = 10 kΩ
Figure 41. Settling Time, Negative Step
Figure 42. Enable Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com